Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858TLPCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9858TLPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858TLPCB Datasheet(HTML) 3 Page - Analog Devices

  AD9858TLPCB Datasheet HTML 1Page - Analog Devices AD9858TLPCB Datasheet HTML 2Page - Analog Devices AD9858TLPCB Datasheet HTML 3Page - Analog Devices AD9858TLPCB Datasheet HTML 4Page - Analog Devices AD9858TLPCB Datasheet HTML 5Page - Analog Devices AD9858TLPCB Datasheet HTML 6Page - Analog Devices AD9858TLPCB Datasheet HTML 7Page - Analog Devices AD9858TLPCB Datasheet HTML 8Page - Analog Devices AD9858TLPCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9858
Rev. A | Page 3 of 32
AD9858—ELECTRICAL SPECIFICATIONS
Table 1. Unless otherwise noted, VDD = 3.3 V ± 5%, CPVDD = 5 V ± 5%, RSET = 2 kΩ, CPISET = 2.4 kΩ,
Reference Clock Frequency = 1 GHz.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
REF CLOCK INPUT CHARACTERISTICS1, 2
Reference Clock Frequency Range (Divider Off)
Full
VI
10
1000
MHz
Reference Clock Frequency Range (Divider On)
Full
VI
20
2000
MHz
Duty Cycle @ 1 GHz
25°C
V
42
50
58
%
Input Capacitance
25°C
V
3
pF
Input Impedance
25°C
IV
1500
Ω
Input Sensitivity
Full
VI
–20
+5
dBm
DAC OUTPUT CHARACTERISTICS
Resolution
Full
10
Bits
Full-Scale Output Current
Full
5
20
40
mA
Gain Error
Full
VI
–10
+10
% FS
Output Offset
Full
VI
15
µA
Differential Nonlinearity
Full
VI
0.5
1
LSB
Integral Nonlinearity
Full
VI
1
1.5
LSB
Output Impedance
Full
VI
100
kΩ
Voltage Compliance Range
Full
VI
AVDD – 1.5
AVDD + 0.5
V
Wideband SFDR (DC to Nyquist)
40 MHz FOUT
Full
V
60
dBc
100 MHz FOUT
Full
V
54
dBc
180 MHz FOUT
Full
V
53
dBc
360 MHz FOUT
Full
V
50
dBc
180 MHz FOUT (700 MHz REFCLK)
Full
IV
52
dBc
Narrow-Band SFDR33
40 MHz FOUT (±15 MHz)
Full
V
82
dBc
40 MHz FOUT (±1 MHz)
Full
V
87
dBc
40 MHz FOUT (±50 kHz)
Full
V
88
dBc
100 MHz FOUT (±15 MHz)
Full
V
81
dBc
100 MHz FOUT (±1 MHz)
Full
V
82
dBc
100 MHz FOUT (±50 kHz)
Full
V
86
dBc
180 MHz FOUT (±15 MHz)
Full
V
74
dBc
180 MHz FOUT (±1 MHz)
Full
V
84
dBc
180 MHz FOUT (±50 kHz)
Full
V
85
dBc
360 MHz FOUT (±15 MHz)
Full
V
75
dBc
360 MHz FOUT (±1 MHz)
Full
V
85
dBc
360 MHz FOUT (±50 kHz)
Full
V
86
dBc
180 MHz FOUT (±15 MHz) (700 MHz REFCLK)
Full
V
65
dBc
180 MHz FOUT (±1 MHz) (700 MHz REFCLK)
Full
V
80
dBc
180 MHz FOUT (±50 kHz) (700 MHz REFCLK)
Full
V
84
dBc
OUTPUT PHASE NOISE CHARACTERISTICS (@ 103 MHz IOUT)
@ 1 kHz Offset
Full
V
–147
dBc/Hz
@ 10 kHz Offset
Full
V
–150
dBc/Hz
@ 100 kHz Offset
Full
V
–152
dBc/Hz
OUTPUT PHASE NOISE CHARACTERISTICS (@ 403 MHz IOUT)
@ 1 kHz Offset
Full
V
–133
dBc/Hz
@ 10 kHz Offset
Full
V
–137
dBc/Hz
@ 100 kHz Offset
Full
V
–140
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com