Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3069708 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3069708
Description  Off switch - RS20-US-S0202-0202-014H-001
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3069708 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3069708 Datasheet HTML 1Page - PHOENIX CONTACT 3069708 Datasheet HTML 2Page - PHOENIX CONTACT 3069708 Datasheet HTML 3Page - PHOENIX CONTACT 3069708 Datasheet HTML 4Page - PHOENIX CONTACT 3069708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3069708
11/22/2018   Page 3 / 5
Off switch - RS20-US-S0202-0202-014H-001 - 3069708
Technical data
Dimensions
Height
48 mm
Hole diameter
7 mm
Height
29 mm
Installation depth
43 mm
Ambient conditions
Ambient temperature (operation)
-35 °C ... 55 °C (Open, at 100% load, with peaks up to 60°C)
Connection data
Conductor cross section solid min.
0.5 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section AWG min.
20
Conductor cross section AWG max.
14
Conductor cross section flexible min.
0.75 mm²
Conductor cross section flexible max.
2.5 mm²
Min. AWG conductor cross section, flexible
18
Max. AWG conductor cross section, flexible
14
Conductor cross section / stranded with ferrule without plastic sleeve
min.
2.5 mm²
Conductor cross section / stranded with ferrule without plastic sleeve
max.
2.5 mm²
Conductor cross section / stranded with ferrule with plastic sleeve min.
1.5 mm²
Conductor cross section / stranded, with ferrule with plastic sleeve max. 1.5 mm²
2 conductors with same cross section, solid min.
0.5 mm²
2 conductors with same cross section, solid max.
2.5 mm²
Two conductors with the same cross section, AWG solid min.
20
Two conductors with the same cross section, AWG solid max.
14
2 conductors with same cross section, stranded min.
0.75 mm²
2 conductors with same cross section, stranded max.
2.5 mm²
Two conductors with the same cross section, AWG stranded, min.
18
Two conductors with the same cross section, AWG stranded, max.
14
2 conductors with the same cross section/stranded, with ferrule and
without plastic sleeve, minimum
2.5 mm²
2 conductors with the same cross section/stranded, with ferrule and
without plastic sleeve, maximum
2.5 mm²
2 conductors with the same cross section/stranded, with ferrule and
plastic sleeve, minimum
1.5 mm²
2 conductors with the same cross section/stranded, with ferrule and
plastic sleeve, maximum
1.5 mm²
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com