Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3069708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3069708
Description  Off switch - RS20-US-S0202-0202-014H-001
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3069708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3069708 Datasheet HTML 1Page - PHOENIX CONTACT 3069708 Datasheet HTML 2Page - PHOENIX CONTACT 3069708 Datasheet HTML 3Page - PHOENIX CONTACT 3069708 Datasheet HTML 4Page - PHOENIX CONTACT 3069708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3069708
11/22/2018   Page 2 / 5
Off switch - RS20-US-S0202-0202-014H-001 - 3069708
Technical data
General
Rated operating current according to AC-15 (switching of solenoid
drives, contactors, valves, pulling electromagnets)
5 A (220 - 240 V)
4 A (380 - 440 V)
Rated operating current according to AC-21A (switching of ohmic loads
including small overloads)
20 A
Rated operating current according to AC-22A (switching of mixed ohmic
and inductive loads, including small overloads)
20 A (220 - 500 V)
20 A (660 - 690 V)
Switching power according to AC-3 (squirrel-cage motors: direct starting,
switching off motors during operation, star-delta startup (CH16B))
3 kW (220 - 240 V; 3-phase, 3-pos.)
5.5 kW (380 - 440 V; 3-phase, 3-pos.)
5.5 kW (500 V; 3-phase, 3-pos.)
5.5 kW (660 - 690 V; 3-phase, 3-pos.)
0.6 kW (110 - 120 V; 1-phase, 2-pos.)
2.2 kW (220 - 240 V; 1-phase, 2-pos.)
3 kW (380 - 440 V; 1-phase, 2-pos.)
Switching power according to AC-4 (squirrel-cage motors: starting,
reversing, plugging, inching)
0.55 kW (220 - 240 V; 3-phase, 3-pos.)
1.5 kW (380 - 440 V; 3-phase, 3-pos.)
1.5 kW (500 V; 3-phase, 3-pos.)
1.5 kW (660 - 690 V; 3-phase, 3-pos.)
0.3 kW (110 - 120 V; 1-phase, 2-pos.)
0.75 kW (220 - 240 V; 1-phase, 2-pos.)
1.5 kW (380 - 440 V; 1-phase, 2-pos.)
Switching power according to AC-23A (frequent switching of motors or
other highly inductive loads)
3.7 kW (220 - 240 V; 3-phase, 3-pos.)
7.5 kW (380 - 440 V; 3-phase, 3-pos.)
7.5 kW (500 V; 3-phase, 3-pos.)
7.5 kW (660 - 690 V; 3-phase, 3-pos.)
0.75 kW (110 - 120 V; 1-phase, 2-pos.)
2.5 kW (220 - 240 V; 1-phase, 2-pos.)
3.7 kW (380 - 440 V; 1-phase, 2-pos.)
Breaking capacity
150 A (220 - 240 V)
150 A (380 - 440 V)
80 A (660 - 690 V)
Maximum power dissipation for nominal condition
2.7 W
Ambient temperature (operation)
-35 °C ... 55 °C (Open, at 100% load, with peaks up to 60°C)
Short-circuit resistance IP with max. backup fuse
25 A (gL/gG characteristics)
Rated short-time current resistance
140 A (1 s current)
Dimensions
Width
48 mm
Length
72 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com