Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3069708 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3069708
Description  Off switch - RS20-US-S0202-0202-014H-001
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3069708 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3069708 Datasheet HTML 1Page - PHOENIX CONTACT 3069708 Datasheet HTML 2Page - PHOENIX CONTACT 3069708 Datasheet HTML 3Page - PHOENIX CONTACT 3069708 Datasheet HTML 4Page - PHOENIX CONTACT 3069708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3069708
11/22/2018   Page 4 / 5
Off switch - RS20-US-S0202-0202-014H-001 - 3069708
Technical data
Environmental Product Compliance
No hazardous substances above threshold values
Drawings
Drilling diagram
Ø5
Ø8 - Ø15
6
Dimensional drawing
A
4
1
29
Circuit diagram
0
1
S0202
2 4 6
1 3 5
1
0
Approvals
Approvals
Approvals
UL Listed / cUL Listed / EAC / cULus Listed
Ex Approvals
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 357353
 
 
Nominal voltage UN
300 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com