Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR3045
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR3045 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR3045 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR3045 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR3045
45V, 30A
Schottky Barrier Rectifiers
25-Jan-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0.
Flame Retardant Epoxy Molding Compound
Metal Silicon Junction, Majority Carrier Conduction
Low Power Loss, High Efficiency
High Current Capability
For use in Low Voltage, High Frequency Inverters
Free Wheeling, and Polarlity Protection Applications
MECHANICAL DATA
Case: TO-220J Molded plastic
Terminals: Solder Plated, Solderable Per MIL-STD-750, Method 2026
Polarity: As Marked
Mounting Position: Any
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Ratings
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
31.5
V
Maximum DC Blocking Voltage
VDC
45
V
Maximum Average Forward Current
IF(AV)
30
A
Peak Forward Surge Current, 8.3ms Single Half
Sine-WaveSuperimposed on Rated Load(JEDEC method)
IFSM
200
A
Maximum Forward Voltage @15A per leg
VF
0.7
V
TJ=25°C
0.05
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TJ=125°C
IR
20
mA
Typical Thermal Resistance
RθJC
2
°C/W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
°C
Part Number
Type
MBR3045
Lead (Pb)-free
MBR3045-C
Lead (Pb)-free and Halogen-free
TO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
9.57
10.57
I
4.68
5.48
B
3.54
4.14
J
2.95
3.96
C
2.54
2.94
K
4.27
4.87
D
11.86
13.26
L
1.07
1.47
E
0.97
1.57
M
8.0
10.0
F
0.51
1.11
N
2.03
2.92
G
12.7
13.8
Q
0.30
0.65
H
2.540 TYP.


Similar Part No. - MBR3045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045 MCC-MBR3045 Datasheet
132Kb / 3P
30 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Gunter Seniconductor Gm...
MBR3045 GSG-MBR3045 Datasheet
76Kb / 1P
Chips for Schottky Diodes
logo
Shenzhen Ping Sheng Ele...
MBR3045 PFS-MBR3045 Datasheet
305Kb / 3P
Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
MBR3045 GXELECTRONICS-MBR3045 Datasheet
540Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Inchange Semiconductor ...
MBR3045 ISC-MBR3045 Datasheet
104Kb / 1P
Schottky Barrier Rectifier
More results

Similar Description - MBR3045

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com