Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8421 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 9Page - PHOENIX CONTACT 8421 Datasheet HTML 10Page - PHOENIX CONTACT 8421 Datasheet HTML 11Page - PHOENIX CONTACT 8421 Datasheet HTML 12Page - PHOENIX CONTACT 8421 Datasheet HTML 13Page - PHOENIX CONTACT 8421 Datasheet HTML 14Page - PHOENIX CONTACT 8421 Datasheet HTML 15Page - PHOENIX CONTACT 8421 Datasheet HTML 16Page - PHOENIX CONTACT 8421 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
13
10
Local status and diagnostic indicators
10.1
Indicators for Ethernet ports and power supply
Figure 9
Indicators for Ethernet ports and power supply
Designation
Color
Meaning
State
Description
LNK 1/2
Green
Link
Green
ON
Connection present at port 1/2.
OFF
Connection not present at port 1/2.
ACT 1/2
Yellow
Activity
Yellow
ON
Data transmission present at port 1/2.
OFF
Data transmission not present at port 1/2.
RDY
Green/
yellow/
red
Ready
Green
ON
Device is ready for operation.
Yellow
flashing
Firmware update is being performed.
Flashing
green/
yellow
Over- or undervoltage at U
S
Temperature of the device is in the critical area.
Failure of the actuator supply U
A
And red US LED: sensor supply overload
Red ON
Rotary encoding switches are set to an invalid/reserved position.
OFF
Device is not ready for operation.
NET
Green/
red
Network status
Green
ON
At least one CIP connection is in place and the exclusive owner con-
nection has no timeout.
Green
flashing
An IP address is configured, no CIP connection is yet in place, and the
exclusive owner connection has no timeout.
Red ON
Duplicate IP. ACD has determined an IP address conflict.
Red
flashing
Connection timeout. A timeout of an exclusive owner connection has
occurred.
Flashing
green/
red
Self test
OFF
Device is not ready for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com