Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8421 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 17Page - PHOENIX CONTACT 8421 Datasheet HTML 18Page - PHOENIX CONTACT 8421 Datasheet HTML 19Page - PHOENIX CONTACT 8421 Datasheet HTML 20Page - PHOENIX CONTACT 8421 Datasheet HTML 21Page - PHOENIX CONTACT 8421 Datasheet HTML 22Page - PHOENIX CONTACT 8421 Datasheet HTML 23Page - PHOENIX CONTACT 8421 Datasheet HTML 24Page - PHOENIX CONTACT 8421 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
21
11.9
TCP/IP object (class code F5
hex)
Class attributes
Instance attributes
Attribute
Name
Access
Data type
Value
1Version
Get
UINT
3
2
Max instance
Get
UINT
1
Attribute
Name
Acess
Data type
Description
1
Status
Get
DWORD
Bit 0 ... Bit 3
Interface configuration status
Bit 4
Mcast pending (always 0)
Bit 5
Interface configuration pending
Bit 6
AcdStatus
Bit 7
AcdFault
Bit 8 ... Bit 31
Reserved
2
Configuration capability
Get
DWORD
Bit 0
BOOTP client
Bit 1
Not supported
Bit 2
DHCP client
Bit 3
Not supported
Bit 4
TCP/IP config setable via ETH/IP
Bit 5
Not supported
Bit 6
Not supported
Bit 7
AcdCapable
Bit 8 ... Bit 31
Reserved
3
Configuration control
Get, Set
DWORD
Bit 0 ... Bit 3
0 = The device use static IP configura-
tion
1 = The device use BOOTP
2 = The device use DHCP
Bit 4
Not supported
Bit 5 ... Bit 31
Reserved
4
Physical link object
Get
STRUCT of:
Path to Physical link object
Path size
UINT
4
Path
Padded EPATH
0x20, 0xF6, 0x25, 0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com