Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8421 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8421
Description  AXL E EIP DI16 M12 6M
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8421 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8421 Datasheet HTML 16Page - PHOENIX CONTACT 8421 Datasheet HTML 17Page - PHOENIX CONTACT 8421 Datasheet HTML 18Page - PHOENIX CONTACT 8421 Datasheet HTML 19Page - PHOENIX CONTACT 8421 Datasheet HTML 20Page - PHOENIX CONTACT 8421 Datasheet HTML 21Page - PHOENIX CONTACT 8421 Datasheet HTML 22Page - PHOENIX CONTACT 8421 Datasheet HTML 23Page - PHOENIX CONTACT 8421 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
AXL E EIP DI16 M12 6M
8421_en_02
PHOENIX CONTACT
20
11.8
Quality of service object (class code 48
hex)
Quality of Service (QoS) affects the forwarding and handling of data streams and results in individual data streams being
given differential treatment (usually preferential). QoS can be used, e.g., to guarantee a transmission bandwidth for individual
data streams. The device uses QoS in connection with prioritization.
Class attributes
Instance attributes
Common services
Attribute
Name
Access
Data type
Value
1Version
Get
UINT
1
2
Max instance
Get
UINT
1
Attribute
Name
Access
Data type
Value/Description
1
802.1Q tag enable
Get, Set
UINT
0 = off (default); 1 = on
4
DSCP urgent
Get, Set
USINT
DSCP value for CIP transport class 0/1 Urgent priority message
(default 55)
5
DSCP scheduled
Get, Set
USINT
DSCP value for CIP transport class 0/1 Scheduled priority mes-
sage (default 47)
6
DSCP high
Get, Set
USINT
DSCP value for CIP transport class 0/1 High priority message
(default 43)
7
DSCP low
Get, Set
USINT
DSCP value for CIP transport class 0/1 Low priority message (
default 31)
8
DSCP explicit
Get, Set
USINT
DSCP value for CIP explicit messages (transport class 2/3 and
UCMM) and all other EtherNet/IP encapsulation messages
(default 27)
Service code
Class
Instance
Service name
dec
hex
14
0E
Yes
Yes
Get_Attribute_Single
16
10
No
Yes
Set_Attribute_Single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com