Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC20ALMDC Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SC20ALMDC
Description  Loop Powered Trip Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SC20ALMDC Datasheet(HTML) 1 Page - Cynergy3 Co

  SC20ALMDC Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2018 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
SC20ALMDC 2018
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Made in the UK
SC20ALMDC
Loop Powered Trip Amplifier
High or Low Alarm Option
Low Voltage Drop
Isolated Input Stage
Setpoints Available on Front Panel as 0.4-2V Signal (4-20mA)
LED Indication Of Alarm
Unique Low Cost Solution
The SC20ALMDC is a 4-20mA direct current
loop powered trip amplifier. The device
derives its power from the input signal and
therefore requires no external power supply.
The output of the SC20ALMDC is a single
pole, normally open, solid state relay which
can be configured to close either above or
below the adjustable setpoint. The
switched output can be connected to any
potential within 1kV of the transmitter
supply, while transients of 2.5kV can be
withstood.
The relay is designed to switch AC or DC.
The trip amplifier is typically used to
activate a warning or control system
override when a sensor output goes above
or below a pre-set limit. Alternatively, the
unit can be used for simple on/off control,
having a built in switching hysteresis.
The device is housed in an ultra-compact
DIN rail mounted enclosure, only 18mm
wide.
General Specification
Recommended Operating Conditions
Input Current
4-20mA
Relay Contact Voltage 110Vac
Relay Current (max)
130mA @ 110Vac / 24Vdc
Output Resistance
24
(on) 110Vac Type
Environmental Conditions
Storage Temperature
-40 - 70 ºC
Operating Ambient
0 - 55 ºC
Relative Humidity
0 - 90 % RH
Technical Specifications
Parameter
Min
Typ
Max
Comments
Supply Voltage
Loop power
Supply Current (mA)
4
20
Full Scale Volt Drop
3.4V
3.5V
At 20mA Input
Relay Current
130mA
Rated at 110Vac
Output Resistance ‘On’
24
110Vac Relay Type
Ω
Trip Point Accuracy
0.25%
Trip Point Drift
±100ppm/ºC
Temp Coefficient
±100ppm/ºC
Relay Time Response
10ms
Operating Ambient
0ºC
55ºC
Relative Humidity
0%
90%
Isolation Voltage
1kV
see note
Surge Voltage
2.5kV for 50µS
Transient of 10kV/µS
Notes
Setpoint is adjusted by 20 turn potentiometers on the front panel.
Setpoint can be checked by measuring the 0.4 to 2V (2-20mA) voltage on the front panel
High or Low Alarm is selectable using internal link.
Closed output contact is indicated by a red LED on the front panel
Installation Data
Mounting
DIN Rail TS32/35
Orientation
Any
Connections Screw Clamp with pressure plate
Conductor Size
0.5-4.0mm
Insulation Stripping
12mm
Weight
Approx 45g
Ordering Information
Part No.: SC20ALMDC
Connection Details
1. Relay Output -ve
2. Relay Output +ve
3. Input Channel +ve
4. Input Channel -ve


Similar Part No. - SC20ALMDC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SC20A BOURNS-SC20A Datasheet
151Kb / 2P
low-cost, 20-Amp, non-isolated DC-DC converter
SC20A-3S1.5 BOURNS-SC20A-3S1.5 Datasheet
151Kb / 2P
low-cost, 20-Amp, non-isolated DC-DC converter
SC20A-3S1.8 BOURNS-SC20A-3S1.8 Datasheet
151Kb / 2P
low-cost, 20-Amp, non-isolated DC-DC converter
SC20A-3S1.9 BOURNS-SC20A-3S1.9 Datasheet
151Kb / 2P
low-cost, 20-Amp, non-isolated DC-DC converter
SC20A-3S2.5 BOURNS-SC20A-3S2.5 Datasheet
151Kb / 2P
low-cost, 20-Amp, non-isolated DC-DC converter
More results

Similar Description - SC20ALMDC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693 AD-AD693 Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
logo
Magnetrol International...
009-5762-021 MAGNETROL-009-5762-021 Datasheet
184Kb / 4P
Digital Meters Loop and Line Powered
logo
Analog Devices
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ANZ AD-AD7713ANZ Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Analog Devices
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
Loop-Powered Signal Conditioning ADC
23-Feb-2017
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
TT Electronics.
DS3102 TTELEC-DS3102 Datasheet
688Kb / 4P
Loop Powered Indicator
logo
M-System Co.,Ltd.
LDSN MSYSTEM-LDSN Datasheet
114Kb / 3P
INPUT LOOP POWERED ISOLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com