Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3632G-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA3632G-P14-R
Description  DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3632G-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA3632G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 6Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 7Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 8Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PA3632
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 9
www.unisonic.com.tw
QW-R107-071.D
OPERAT I N G CH ARACT ERI ST I CS
(VDD=3.3V, RDL=10k
Ω, RFB=30kΩ, RIN=15kΩ, TA=25°C, Charge pump: CP=1µF, unless otherwise noted))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage, Outputs in Phase
VO
THD+N=1%, VDD=3.3V, f=1kHz,
RL=10K
2
2.4
Vrms
Total Harmonic Distortion Plus Noise
THD+N
VO=2 VRMS, f=1kHz
0.002
%
Signal-to-Noise Ratio (Note 1)
SNR
A-weighted
105
dB
Dynamic Range
DNR
A-weighted
105
dB
Noise Voltage
VN
A-weighted
11
μV
Output Impedance When Muted
ZO
Mute =GND
100
Input-to-Output Attenuation When
Muted
Mute =GND
80
dB
Crosstalk-L to R, R to L
VO=1 VRMS
-110
dB
Current Limit
ILIMIT
PVDD=3.3V
25
mA
Note: SNR is calculated relative to 2 VRMS output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com