Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3632G-P14-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA3632G-P14-R
Description  DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3632G-P14-R Datasheet(HTML) 6 Page - Unisonic Technologies

  PA3632G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 6Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 7Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 8Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PA3632
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 9
www.unisonic.com.tw
QW-R107-071.D
APPLI CAT I ON I N FORM AT I ON
LINE DRIVER AMPLIFIERS
Single-supply line-driver amplifiers typically require dc-blocking capacitors. The top drawing in Figure 1 illustrates
the conventional line-driver amplifier connection to the load and output signal. DC blocking capacitors are often large
in value. The line load (typical resistive values of 600
Ω~10kΩ) combines with the dc blocking capacitors to form a
high-pass filter. Equation 1 shows the relationship between the load impedance (RL), the capacitor (CO), and the
cutoff frequency (fC).
O
L
C
C
R
2
1
f
(1)
CO can be determined using Equation 2, where the load impedance and the cutoff frequency are known.
C
L f
R
2
1
C
O
(2)
If fC is low, the capacitor must then have a large value because the load resistance is small. Large capacitance
values require large package sizes. Large package sizes consume PCB area, stand high above the PCB, increase
cost of assembly, and can reduce the fidelity of the audio output signal.
The DirectPath amplifier architecture operates from a single supply but makes use of an internal charge pump to
provide a negative voltage rail. Combining the user-provided positive rail and the negative rail generated by the IC,
the device operates in what is effectively a split-supply mode. The output voltages are now centered at zero volts
with the capability to swing to the positive rail or negative rail. Combining this with the built-in click and pop reduction
circuit, the DirectPath amplifier requires no output dc blocking capacitors. The bottom block diagram and waveform
of Figure 1 illustrate the ground-referenced line-driver architecture. This is the architecture of the UTC PA3632.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com