Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3632G-P14-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # PA3632G-P14-R
Description  DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3632G-P14-R Datasheet(HTML) 7 Page - Unisonic Technologies

  PA3632G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 6Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 7Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 8Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PA3632
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
7 of 9
www.unisonic.com.tw
QW-R107-071.D
APPLI CAT I ON I N FORM AT I ON (Cont .)
GAIN-SETTING RESISTOR RANGES
The gain-setting resistors, RIN and Rfb, must be chosen so that noise, stability, and input capacitor size of the UTC
PA3632
are kept within acceptable limits. Voltage gain is defined as Rfb divided by RIN.
Table 1. Recommended Resistor Values
GAIN
INPUT RESISTOR VALUE, RIN
FEEDBACK RESISTOR VALUE, Rfb
-1V/V
10k
Ω
10k
Ω
-1.5V/V
8.2k
Ω
12k
Ω
-2V/V
15k
Ω
30k
Ω
-10V/V
4.7k
Ω
47k
Ω
UTC PA3632 UVP OPERATION
The shutdown threshold at the UVP pin is 1.25V. The customer must use a resistor divider to obtain the shutdown
threshold and hysteresis desired for a particular application. The customer-selected thresholds can be determined as
follows:
EXTERNAL UNDERVOLTAGE DETECTION
External undervoltage detection can be used to mute/shut down the UTC PA3632 before an input device can
generate a pop.
The shutdown threshold at the UVP pin is 1.25V. The user selects a resistor divider to obtain the shutdown
threshold and hysteresis for the specific application. The thresholds can be determined as follows:
VUVP=(1.25–6
μA×R3)×(R1+R2)/R2
Hysteresis=5
μA×R3×(R1+R2)/R2
For example, to obtain VUVP=3.8V and 1-V hysteresis, we can use R1=3k
Ω, R2=1kΩ, and R3=50kΩ.
INPUT-BLOCKING CAPACITORS
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
PA3632
. These capacitors block the dc portion of the audio source and allow the UTC PA3632 inputs to be properly
biased to provide maximum performance.
These capacitors form a high-pass filter with the input resistor, RIN. The cutoff frequency is calculated using
Equation 3. For this calculation, the capacitance used is the input-blocking capacitor, and the resistance is the input
resistor chosen from Table 1; then the frequency and/or capacitance can be determined when one of the two values
is given.
It is recommended to use electrolytic capacitors or high-voltage-rated capacitors as input blocking capacitors to
ensure minimal variation in capacitance with input voltages. Such variation in capacitance with input voltages is
commonly seen in ceramic capacitors and can increase low-frequency audio distortion.
IN
IN
CIN
C
R
2
1
f
or
IN
IN
C
IN
R
f
2
1
C
(3)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com