Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD33584 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD33584
Description  Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD33584 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  FPD33584 Datasheet HTML 1Page - National Semiconductor (TI) FPD33584 Datasheet HTML 2Page - National Semiconductor (TI) FPD33584 Datasheet HTML 3Page - National Semiconductor (TI) FPD33584 Datasheet HTML 4Page - National Semiconductor (TI) FPD33584 Datasheet HTML 5Page - National Semiconductor (TI) FPD33584 Datasheet HTML 6Page - National Semiconductor (TI) FPD33584 Datasheet HTML 7Page - National Semiconductor (TI) FPD33584 Datasheet HTML 8Page - National Semiconductor (TI) FPD33584 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Absolute Maximum Ratings (Note 1)
Analog Supply, (V
DD2) (Note 2)
−0.3V to +11.5V
Logic Supply, (V
DD1) (Note 2)
−0.3V to +5.0V
Low-Polarity RDAC Reference
Voltages, (V
GMA6 to VGMA10)
(Note 2)
−0.3V to 0.5V
DD2
High-Polarity RDAC Reference
Voltages, (V
GMA1 to VGMA5)
(Note 2)
0.5V
DD2 − 1.0V to
V
DD2 + 0.3V
RDAC Current (All Gamma
Voltage
Taps), (I
GMA to IGMA10)
−2.5mA to 2.5mA
Input Voltage (Digital Logic), (V
IN)
(Note 2)
−0.3V to V
DD1 +
0.3V
Output Voltage, (V
OUT) (Note 2)
−0.3V to V
DD2 +
0.3V
Output Current (Analog), (I
OUT)
−7mA to +7mA
Storage Temperature Range, (T
S)
−55˚C to +125˚C
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply that
the devices should be operated at these limits. The table of “Electrical
Characteristics” specifies conditions of device operation.
Note 2: Absolute voltages referenced to VSS1 =VSS2 = 0.0V.
Recommended Operating
Conditions
Min
Typ
Max
Units
Logic Supply Voltage
(V
DD1)
2.7
3.3
3.6
V
Supply Voltage (V
DD2)
7.5
10.5
V
Operating Temperature
(T
A)
−10
+25
+70
˚C
DC Electrical Characteristics
Digital Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Logic Input High Voltage
0.7 V
DD1
V
V
IL
Logic Input Low Voltage
0.3 V
DD1
V
V
OH
Logic Output High Voltage
I
OH = −0.5mA
V
DD1 −
0.5
V
V
OL
Logic Output Low Voltage
I
OL = 0.5mA
0.5
V
I
DD1
Logic Current
(Note 3)
8.0
12.0
mA
I
IH
Input Leakage
V
DD1 = 3.6V, VIN = 3.6V
-1
1
µA
I
IL
Input Leakage
V
DD1 = 3.6V, VIN =0V
-1
1
µA
C
IN
Input Capacitance
All logic pins
2
pF
Note 3: CLK frequency = 67MHz, VDD1 = 3.3V, VSS1 =VSS2 = 0.0V, line time = 18µs, data = all 1’s for 4 lines followed by all 0’s for 4 lines.
RSDS Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
RSDS
RSDS High Input Voltage
VCM
RSDS = 1.2V (Note 4) see
Figure 1
100
200
mV
VIL
RSDS
RSDS Low Input Voltage
VCM
RSDS = 1.2V (Note 4) see
Figure 1
−200
−100
mV
VCM
RSDS
RSDS Common Mode Input
Voltage Range
VIH
RSDS = +100mV, VILRSDS =
−100mV (Note 5) see Figure 1
V
SS1 +
0.1
V
DD1 −
1.3
V
IDL
RSDS Input Leakage Current
DxxP, DxxN, CLKP, CLKN
−10
10
µA
Note 4: VCMRSDS = (VCLKP + VCLKN)/2 or (VDxxP + VDxxN)/2.
Note 5: VIHRSDS and VILRSDS are referenced to VCMRRSDS
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com