Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD33584 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD33584
Description  Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD33584 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button FPD33584 Datasheet HTML 3Page - National Semiconductor (TI) FPD33584 Datasheet HTML 4Page - National Semiconductor (TI) FPD33584 Datasheet HTML 5Page - National Semiconductor (TI) FPD33584 Datasheet HTML 6Page - National Semiconductor (TI) FPD33584 Datasheet HTML 7Page - National Semiconductor (TI) FPD33584 Datasheet HTML 8Page - National Semiconductor (TI) FPD33584 Datasheet HTML 9Page - National Semiconductor (TI) FPD33584 Datasheet HTML 10Page - National Semiconductor (TI) FPD33584 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Block Diagram
20043206
Functional Description
GENERAL OVERVIEW
The FPD33584 is a low power, low EMI, 384 output column
driver with 64 gray level capability (6-bit). It provides direct
drive for TFT-LCD displays, eliminating the need for V
com
modulation. Direct drive significantly reduces system power
consumption and also reduces component count while pro-
viding superior image quality and cross-talk margin. The
FPD33584 utilizes National’s Charge Conservation Technol-
ogy that recovers energy stored in the capacitance of the
column lines to reduce power consumption further.
The FPD33584 is designed for use in systems using dot
inversion as the method of polarity inversion. Column inver-
sion and N-line inversion are also supported. Other modes of
polarity inversion including line inversion and frame inversion
are not supported.
Digital video data inputs to the FPD33584 are received via a
low power, low EMI Reduced Swing Differential Signaling
(RSDS) bus. The RSDS digital video commands one of 64
gray level voltages on each output. Output voltages are
driven with individual high drive, low offset operational am-
plifiers. Data loading and line buffering is accomplished by
means of an internal, bi-directional shift register.
GAMMA CORRECTION
The FPD33584 is designed to offer compatibility with a wide
range of panel gamma characteristics. The output voltage
levels corresponding to each of the 64 gray level commands
can be externally adjusted to match the desired gamma
characteristics of the display by means of two internal
resistor-string DACs (RDACs). One RDAC provides the
high-polarity output voltages (voltages higher than V
com) and
the other provides the low-polarity output voltages (voltages
lower than V
com).
The FPD33584 is available with several R-DAC resistance
curve options, all of which have been carefully designed to
accurately match the natural, inverse gamma of a twisted
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com