Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD33584 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD33584
Description  Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD33584 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button FPD33584 Datasheet HTML 17Page - National Semiconductor (TI) FPD33584 Datasheet HTML 18Page - National Semiconductor (TI) FPD33584 Datasheet HTML 19Page - National Semiconductor (TI) FPD33584 Datasheet HTML 20Page - National Semiconductor (TI) FPD33584 Datasheet HTML 21Page - National Semiconductor (TI) FPD33584 Datasheet HTML 22Page - National Semiconductor (TI) FPD33584 Datasheet HTML 23Page - National Semiconductor (TI) FPD33584 Datasheet HTML 24Page - National Semiconductor (TI) FPD33584 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Functional Description (Continued)
Data
Output Voltage (gamma D)
Data
Output Voltage (gamma D)
00
H
VH0
VGMA1
20
H
VH32
VGMA3
01
H
VH1
VGMA2+(VGMA1−VGMA2)x
3690/4613
21
H
VH33
VGMA4+(VGMA3−VGMA4)x
2783/2902
02
H
VH2
VGMA2+(VGMA1−VGMA2)x
2917/4613
22
H
VH34
VGMA4+(VGMA3−VGMA4)x
2664/2902
03
H
VH3
VGMA2+(VGMA1−VGMA2)x
2307/4613
23
H
VH35
VGMA4+(VGMA3−VGMA4)x
2545/2902
04
H
VH4
VGMA2+(VGMA1−VGMA2)x
1696/4613
24
H
VH36
VGMA4+(VGMA3−VGMA4)x
2426/2902
05
H
VH5
VGMA2+(VGMA1−VGMA2)x
1235/4613
25
H
VH37
VGMA4+(VGMA3−VGMA4)x
2321/2902
06
H
VH6
VGMA2+(VGMA1−VGMA2)x
774/4613
26
H
VH38
VGMA4+(VGMA3−VGMA4)x
2217/2902
07
H
VH7
VGMA2+(VGMA1−VGMA2)x
313/4613
27
H
VH39
VGMA4+(VGMA3−VGMA4)x
2113/2902
08
H
VH8
VGMA2
28
H
VH40
VGMA4+(VGMA3−VGMA4)x
2009/2902
09
H
VH9
VGMA3+(VGMA2−VGMA3)x
3646/3958
29
H
VH41
VGMA4+(VGMA3−VGMA4)x
1905/2902
0A
H
VH10
VGMA3+(VGMA2−VGMA3)x
3378/3958
2A
H
VH42
VGMA4+(VGMA3−VGMA4)x
1786/2902
0B
H
VH11
VGMA3+(VGMA2−VGMA3)x
3110/3958
2B
H
VH43
VGMA4+(VGMA3−VGMA4)x
1667/2902
0C
H
VH12
VGMA3+(VGMA2−VGMA3)x
2887/3958
2C
H
VH44
VGMA4+(VGMA3−VGMA4)x
1548/2902
0D
H
VH13
VGMA3+(VGMA2−VGMA3)x
2664/3958
2D
H
VH45
VGMA4+(VGMA3−VGMA4)x
1429/2902
0E
H
VH14
VGMA3+(VGMA2−VGMA3)x
2470/3958
2E
H
VH46
VGMA4+(VGMA3−VGMA4)x
1310/2902
0F
H
VH15
VGMA3+(VGMA2−VGMA3)x
2292/3958
2F
H
VH47
VGMA4+(VGMA3−VGMA4)x
1190/2902
10
H
VH16
VGMA3+(VGMA2−VGMA3)x
2113/3958
30
H
VH48
VGMA4+(VGMA3−VGMA4)x
1071/2902
11
H
VH17
VGMA3+(VGMA2−VGMA3)x
1949/3958
31
H
VH49
VGMA4+(VGMA3−VGMA4)x
952/2902
12
H
VH18
VGMA3+(VGMA2−VGMA3)x
1801/3958
32
H
VH50
VGMA4+(VGMA3−VGMA4)x
818/2902
13
H
VH19
VGMA3+(VGMA2−VGMA3)x
1652/3958
33
H
VH51
VGMA4+(VGMA3−VGMA4)x
670/2902
14
H
VH20
VGMA3+(VGMA2−VGMA3)x
1503/3958
34
H
VH52
VGMA4+(VGMA3−VGMA4)x
521/2902
15
H
VH21
VGMA3+(VGMA2−VGMA3)x
1369/3958
35
H
VH53
VGMA4+(VGMA3−VGMA4)x
357/2902
16
H
VH22
VGMA3+(VGMA2−VGMA3)x
1235/3958
36
H
VH54
VGMA4+(VGMA3−VGMA4)x
179/2902
17
H
VH23
VGMA3+(VGMA2−VGMA3)x
1101/3958
37
H
VH55
VGMA4
18
H
VH24
VGMA3+(VGMA2−VGMA3)x
967/3958
38
H
VH56
VGMA5+(VGMA4−VGMA5)x
3348/3527
19
H
VH25
VGMA3+(VGMA2−VGMA3)x
833/3958
39
H
VH57
VGMA5+(VGMA4−VGMA5)x
3125/3527
1A
H
VH26
VGMA3+(VGMA2−VGMA3)x
714/3958
3A
H
VH58
VGMA5+(VGMA4−VGMA5)x
2887/3527
1B
H
VH27
VGMA3+(VGMA2−VGMA3)x
595/3958
3B
H
VH59
VGMA5+(VGMA4−VGMA5)x
2619/3527
1C
H
VH28
VGMA3+(VGMA2−VGMA3)x
476/3958
3C
H
VH60
VGMA5+(VGMA4−VGMA5)x
2307/3527
1D
H
VH29
VGMA3+(VGMA2−VGMA3)x
357/3958
3D
H
VH61
VGMA5+(VGMA4−VGMA5)x
21845/3527
1E
H
VH30
VGMA3+(VGMA2−VGMA3)x
239/3958
3E
H
VH62
VGMA5+(VGMA4−VGMA5)x
1235/3927
1F
H
VH31
VGMA3+(VGMA2−VGMA3)x
119/3958
3F
H
VH63
VGMA5
1235/3527
FIGURE 15. FPD33584D Upper Gamma Voltages (compatible with Hitach HD66323)
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com