Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C200 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT95C200
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C200 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT95C200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
DTMF Generator
VTDC
DTMF Output DC Level
¾¾
0.45VDD
¾
0.7VDD
V
VTOL
DTMF Sink Current
¾ VDTMF=0.5V
0.1
¾¾
mA
VTAC
DTMF Output AC Level
¾ Row group, RL=5kW
120
155
180
mVrms
RL
DTMF Output Load
¾ THD£-23dB
5
¾¾
k
W
ACR
Column Pre-emphasis
¾ Row group=0dB
1
2
3
dB
THD
Tone Signal Distortion
¾ RL=5kW¾
-30
-23
dB
HT95LXXX
Rev. 1.20
8
May 26, 2004
Functional Description
Execution Flow
The system clock for the telephone controller is derived
from a 32768Hz crystal oscillator. A built-in frequency up
conversion circuit provides dual system clock, namely;
32768Hz and 3.58MHz. The system clock is internally
divided into four non-overlapping clocks. One instruc-
tion cycle consists of four system clock cycles. Instruc-
tion fetching and execution are pipelined in such a way
that a fetch takes an instruction cycle while decoding
and execution takes the next instruction cycle. The
pipelining scheme causes each instruction to be effec-
tively executed in a instruction cycle. If an instruction
changes the program counter, two instruction cycles are
required to complete the instruction.
Program Counter
- PC
The program counter (PC) controls the sequence in
which the instructions stored in the program ROM are
executed and its contents specify a full range of pro-
gram memory. After accessing a program memory word
to fetch an instruction code, the contents of the program
counter are incremented by 1. The program counter
then points to the memory word containing the next in-
struction code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL register, subroutine call, initial re-
set, internal interrupt, external interrupt or return from
subroutine, the program counter manipulates the pro-
gram transfer by loading the address corresponding to
each instruction. The conditional skip is activated by
instructions. Once the condition is met, the next instruc-
tion, fetched during the current instruction execution, is
discarded and a dummy cycle replaces it to get the
proper instruction. Otherwise proceed to the next in-
struction.
The program counter lower order byte register
(PCL:06H) is a readable and write-able register. Moving
data into the PCL performs a short jump. The destina-
tion will be within 256 locations. When a control transfer
takes place, an additional dummy cycle is required.
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
8K
´16 bits´2 banks (HT95L400/40P), 8K´16 bits
(HT95L300/30P, HT95L200/20P) or 4K
´16 bits
(HT95L100/10P, HT95L000/00P), addressed by the
program counter and table pointer.
For the HT95L400/40P, the program memory is divided
into 2 banks, each bank having a ROM Size 8K
´16 bits.
To move from the present ROM bank to a different ROM
bank, the higher 1 bits of the ROM address are set by
the BP (Bank Pointer), while the remaining 13 bits of the
PC are set in the usual way by executing the appropriate
jump or call instruction. As the 14 address bits are
latched during the execution of a call or jump instruction,
the correct value of the BP must first be setup before a
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
P C
Execution Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com