Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C200 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT95C200
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C200 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT95C200 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
HT95LXXX
LCD Type Phone 8-Bit MCU
Rev. 1.20
1
May 26, 2004
Features
· Provide MASK type and OTP type version
· Operating voltage range: 2.4V~5.5V
· Program ROM
- HT95L400/40P: 16K´16 bits
- HT95L300/30P: 8K´16 bits
- HT95L200/20P: 8K´16 bits
- HT95L100/10P: 4K´16 bits
- HT95L000/00P: 4K´16 bits
· Data RAM
- HT95L400/40P: 2880´8 bits
- HT95L300/30P: 2112´8 bits
- HT95L200/20P: 1152´8 bits
- HT95L100/10P: 1152´8 bits
- HT95L000/00P: 384´8 bits
· Bidirectional I/O lines
- HT95L400/40P: 40~28 I/O lines
- HT95L300/30P: 28~16 I/O lines
- HT95L200/20P: 28~20 I/O lines
- HT95L100/10P: 20~16 I/O lines
- HT95L000/00P: 18~14 I/O lines
· 16-bit table read instructions
· Subroutine nesting
- HT95L400/40P: 12 levels
- HT95L300/30P: 8 levels
- HT95L200/20P: 8 levels
- HT95L100/10P: 8 levels
- HT95L000/00P: 4 levels
· Timer
- Two 16-bit programmable Timer/Event Counter
- Real time clock (RTC)
- Watchdog Timer (WDT)
· Programmable frequency divider (PFD)
Supported for HT95L400/40P, HT95L300/30P,
HT95L200/20P, HT95L100/10P
· Dual system clock: 32768Hz, 3.58MHz
· Four operating modes: Idle mode, Sleep mode,
Green mode and Normal mode
· Up to 1.117ms instruction cycle with 3.58MHz system
clock
· All instructions in one or two machine cycles
· Built-in 3.58MHz DTMF Generator
· Built-in dialer I/O
· Built-in low battery detector
Supported for HT95L400/40P, HT95L300/30P,
HT95L200/20P, HT95L100/10P
· LCD driver
- LCD contrast can be adjusted by software or exter-
nal resistor
- Support two LCD frame frequency 64Hz, 128Hz
- Support 16 or 8 common driver pins
- Some segments or commons can option to
bidirectional I/O lines
- HT95L400/40P: 48 seg.´16 com.
- HT95L300/30P: 48 seg.´16 com.
- HT95L200/20P: 24 seg.´16 com.
- HT95L100/10P: 20 seg.´8 com.
- HT95L000/00P: 16 seg.´8 com.
· HT95L400/40P: 128-pin QFP package
HT95L300/30P: 100-pin QFP package
HT95L200/20P: 100-pin QFP package
HT95L100/10P: 64-pin QFP package
HT95L000/00P: 56-pin SSOP package
Applications
· Deluxe Feature Phone
· Caller ID Phone
· Cordless Phone
· Fax and answering machines
· Other communication system
General Description
The HT95LXXX family MCU are 8-bit high performance
RISC-like microcontrollers with built-in DTMF generator
and dialer I/O which provide MCU dialer implementation
or system control features for telecom product applica-
tions. The phone controller has a built-in program ROM,
data RAM, LCD driver and I/O lines for high end prod-
ucts design. In addition, for power management pur-
pose, it has a built-in frequency up conversion circuit
(32768Hz to 3.58MHz) which provides dual system
clock and four types of operation modes. For example, it
can operate with low speed system clock rate of
32768Hz in green mode with little power consumption. It
can also operate with high speed system clock rate of
3.58MHz in normal mode for high performance opera-
tion. To ensure smooth dialer function and to avoid MCU
shut-down in extreme low voltage situation, the dialer
I/O circuit is built-in to generate hardware dialer signals
such as on-hook, hold-line and hand-free. Built-in real
time clock and programmable frequency divider are pro-
vided for additional fancy features in product develop-
ments. The device is best suited for feature phone
products that comply with versatile dialer specification
requirements of different areas or countries.


Similar Part No. - HT95C200

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
8-Bit CID Type Phone Controller MCU
October 1, 2002
HT95C200 HOLTEK-HT95C200 Datasheet
768Kb / 42P
8-Bit LCD Type Phone Controller MCU
October 1, 2002
HT95C200 HOLTEK-HT95C200 Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
More results

Similar Description - HT95C200

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
8-Bit LCD Type Phone Controller MCU
October 1, 2002
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
LCD Type 8-Bit MCU
April 24, 2006
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
LCD Type 8-Bit MCU
April 24, 2006
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
LCD Type 8-Bit MCU
June 9, 2009
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
Phone 8-bit MCU
February 17, 2009
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com