Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C200 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT95C200
Description  LCD Type Phone 8-Bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C200 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT95C200 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Selection Table
Part No.
Operating
Voltage
Program
Memory
Data
Memory
Normal
I/O
Dialer
I/O
LCD
Timer
Stack
External
Interrupt
DTMF
Generator
FSK
Receiver
Package
HT95A100
HT95A10P
2.4V~5.5V
4K
´16
384
´8
20
6
¾
16-bit
´2
43
Ö¾
28SOP
HT95A200
HT95A20P
2.4V~5.5V
4K
´16
1152
´8
28
8
¾
16-bit
´2
84
Ö¾
48SSOP
HT95A300
HT95A30P
2.4V~5.5V
8K
´16
2112
´8
28
8
¾
16-bit
´2
84
Ö¾
48SSOP
HT95A400
HT95A40P
2.4V~5.5V
16K
´16
2880
´8
44
8
¾
16-bit
´2
12
4
Ö¾
64QFP
HT95L000
HT95L00P
2.4V~5.5V
4K
´16
384
´8
14~18
6
12
´8~16´8
16-bit
´2
43
Ö¾
56SSOP
HT95L100
HT95L10P
2.4V~5.5V
4K
´16
1152
´8
16~20
8
16
´8~20´8
16-bit
´2
84
Ö¾
64QFP
HT95L200
HT95L20P
2.4V~5.5V
8K
´16
1152
´8
20~28
8
24
´8~24´16
16-bit
´2
84
Ö¾
100QFP
HT95L300
HT95L30P
2.4V~5.5V
8K
´16
2112
´8
16~28
8
36
´16~48´16 16-bit´2
84
Ö¾
100QFP
HT95L400
HT95L40P
2.4V~5.5V
16K
´16
2880
´8
28~40
8
36
´16~48´16 16-bit´2
12
4
Ö¾
128QFP
HT95C200
HT95C20P
2.4V~5.5V
8K
´16
1152
´8
20~28
8
24
´8~24´16
16-bit
´2
84
ÖÖ
128QFP
HT95C300
HT95C30P
2.4V~5.5V
8K
´16
2112
´8
16~28
8
36
´16~48´16 16-bit´2
84
ÖÖ
128QFP
HT95C400
HT95C40P
2.4V~5.5V
16K
´16
2880
´8
28~40
8
36
´16~48´16 16-bit´2
12
4
ÖÖ
128QFP
Note: Part numbers suffixed with
²P² are OTP devices, all others are mask version devices.
Block Diagram (HT95L400/40P)
HT95LXXX
Rev. 1.20
2
May 26, 2004
P r o g r a m
C o u n t e r
P r o g r a m
R O M
I n s t r u c t i o n
R e g i s t e r
I n s t r u c t i o n
D e c o d e r
T i m i n g
G e n e r a t o r
I N T C 1
I n t e r r u p t
C i r c u i t
M
U
X
M U X
D A T A
M e m o r y
A L U
S h i f t e r
S T A T U S
A C C
L C D D r i v e r
M P 1
M P 0
P o w e r D o w n
D e t e c t o r &
R e s e t C i r c u i t
I N T C 0
R T C
3 2 7 6 8 H z
O S C C i r c u i t
M
U
X
W D T S
W D T P r e s c a l e r
3 2 7 6 8 H z
S y s t e m C l o c k / 4
W D T O S C
T M R 1 C
T M R 1
M
U
X
3 2 7 6 8 H z
T M R 0 C
T M R 0
M
U
X
S y s t e m c l o c k / 4
P F D
I N T / T M R 1
T M R 0
M U S I C
R E S
X 1
X 2
X C
C O M 0 ~ C O M 1 5 S E G 0 ~ S E G 4 7 V L C D
3 2 7 6 8 H z
o r 3 . 5 8 M H z / 4
P o w e r
S u p p l y
V D D
V S S
L o w
B a t t e r y
D e t e c t o r
L B I N
D i a l e r I / O
H F I
H F O
H D I
H D O
H K S
P O
D N P O
X M U T E
D T M F
G e n e r a t o r
D T M F
3 . 5 8 M H z
S T A C K 1 1
S T A C K 1 0
S T A C K 9
S T A C K 0
S T A C K 1
S T A C K 2
P A
P A C
P A 0 ~ P A 7
P B
P B C
P B 0 ~ P B 7
P D
P D C
P D 0 ~ P D 7
P E
P E C
P E 0 ~ P E 3
P F
P F C
P F 0 ~ P F 7
P G
P G C
P G 0 ~ P G 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com