Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-19B Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESD-R-19B
Description  ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-19B Datasheet(HTML) 1 Page - Kemet Corporation

  ESD-R-19B Datasheet HTML 1Page - Kemet Corporation ESD-R-19B Datasheet HTML 2Page - Kemet Corporation ESD-R-19B Datasheet HTML 3Page - Kemet Corporation ESD-R-19B Datasheet HTML 4Page - Kemet Corporation ESD-R-19B Datasheet HTML 5Page - Kemet Corporation ESD-R-19B Datasheet HTML 6Page - Kemet Corporation ESD-R-19B Datasheet HTML 7Page - Kemet Corporation ESD-R-19B Datasheet HTML 8Page - Kemet Corporation ESD-R-19B Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5002_ESD-R-B • 9/14/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
EMI Cores
ESD-R-B Toroidal Cores for Round Cables
for Low & High Frequency (with snail-shaped case)
Benefits
• MnZn≤10MHz(AMbandrange)andNiZn≤300MHz
(FMbandrange)optionsavailable
• Solid construction
• Easy to install with one M4 screw
• UL94V–2flameretardantratedcase
Overview
The KEMET ESD-R-B series solid toroidal cores are
designedtouseonroundcables.Thewiderangeof
ManganeseZinc(MnZn)andNickelZinc(NiZn)options
allowsfortargetingofspecificfrequencyranges.The
snail-shapedcaseallowsfixingthecoreintheapplication
to avoid contact with other components.
EMIcoresarepartofafamilyofpassivecomponentswhich
addresstheissuesofnoiseorelectromagneticinterference
(EMI)incircuitsorsystems.
Applications
• Consumer electronics
• Air conditioners
• Power conditioners
• Refrigerators
• Washingmachines
• Industrialequipment
• Medicalequipment


Similar Part No. - ESD-R-19B

ManufacturerPart #DatasheetDescription
logo
NEC
ESD-R-19B NEC-ESD-R-19B Datasheet
1Mb / 31P
EMI Core
More results

Similar Description - ESD-R-19B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-SR KEMET-ESD-SR Datasheet
666Kb / 6P
Snap-on Cores for Round Cables
ESD-R-38B KEMET-ESD-R-38B Datasheet
66Kb / 1P
KEMET, ESD-R-B, EMI Cores, Commercial Grade
ESD-R-38D-B KEMET-ESD-R-38D-B Datasheet
66Kb / 1P
KEMET, ESD-R-B, EMI Cores, Commercial Grade
ESD-FPD-16 KEMET-ESD-FPD-16 Datasheet
523Kb / 7P
ESD-FPD Series Split Cores with Metal Clamp for Flat Cables for High Frequency (Bare)
ESD-FPD-16-1 KEMET-ESD-FPD-16-1 Datasheet
537Kb / 8P
ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
ESD-FPL-14.5-3 KEMET-ESD-FPL-14.5-3 Datasheet
1Mb / 17P
ESD-FPL Series Solid Cores for Flat Cables for High Frequency (Bare)
ESD-R-31SR-P KEMET-ESD-R-31SR-P Datasheet
801Kb / 9P
ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
ESD-SR-160H KEMET-ESD-SR-160H Datasheet
504Kb / 7P
ESD-SR-H/HL Snap-on Cores for Round Cables for High Frequency (with High Heat Resistance & Cable Holding Mechanism case)
ESD-SR-S38G KEMET-ESD-SR-S38G Datasheet
1Mb / 10P
ESD-SR Snap-on Cores for Round Cables for Low & High Frequency (with case)
B-20L-48B-A KEMET-B-20L-48B-A Datasheet
582Kb / 8P
B-20 Bead Cores for Round Cables for Low & High Frequency (Bare & coated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com