Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-19B Datasheet(PDF) 2 Page - Kemet Corporation

Part # ESD-R-19B
Description  ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-19B Datasheet(HTML) 2 Page - Kemet Corporation

  ESD-R-19B Datasheet HTML 1Page - Kemet Corporation ESD-R-19B Datasheet HTML 2Page - Kemet Corporation ESD-R-19B Datasheet HTML 3Page - Kemet Corporation ESD-R-19B Datasheet HTML 4Page - Kemet Corporation ESD-R-19B Datasheet HTML 5Page - Kemet Corporation ESD-R-19B Datasheet HTML 6Page - Kemet Corporation ESD-R-19B Datasheet HTML 7Page - Kemet Corporation ESD-R-19B Datasheet HTML 8Page - Kemet Corporation ESD-R-19B Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5002_ESD-R-B • 9/14/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
Part Number System
ESD-
R-
19
B
Series
Shape Type
CoreSize
OuterDimensionCode(mm)
Core Material
ESD-
Ring
SeeTable1
B = Mn-Zn
D-B=Ni-Zn
Turns and Impedance Characteristics
WhenthedesiredperformanceofanEMIcorecannotbe
obtainedwithasinglepassthroughthecore,theimpedance
characteristicscanbechangedwithmultipleturns.
Aturniscountedbythenumberoflead-wirewindingswhichpass
throughtheinnerholeofthecore.Windingsontheoutsideofthe
core do not count.
SeeFigure1forexamplesofone,two,andthreeturns.
Addingturnswillresultinhigherimpedancewhilealsolowering
theeffectivefrequencyrange.
SeeFigure2foranexample.
Core Material and Effective Frequency Range
TherearetwoferritematerialoptionsforKEMET
EMICores:NickelZinc(Ni-Zn)andManganese
Zinc(Mn-Zn).Eachcorematerialhasadifferent
resistanceandeffectivefrequencyrange.The
MnZn core material has a lower resistance
comparedtotheNi-Zn;therefore,adequate
insulationisrequiredbeforeuse.
TheNi-Zncorematerialistypicallyeffective
forfrequenciesintheMHzbandrangesuchas
theFM-band,whiletheMn-Zncorematerialis
typicallyeffectiveforthekHzbandrangesuchas
theAM-band.SeeFigure3.
It is recommended to measure the actual
frequencyrangeeffectivenessinthetarget
application.
3T
2T
1T
Figure 1 – How to count turns
Resonance point changes to lower band
3T
2T
1T
Frequency (MHz)
10,000
1
10
100
1,000
1,000
100
10
1
Figure 2 – Relationship between impedance and turn count.
(Representative example: ESD-R-16C)
Frequency (MHz)
AM band range
FM band range
Mn-Zn series core
Ni-Zn series core
1,000
100
10
1
0.01
0.1
1
10
100
1,000
Figure 3 – Effective band range of Mn-Zn and Ni-Zn ferrite core material.
(Representative example, measured with same-dimension ring core)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com