Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-19B Datasheet(PDF) 5 Page - Kemet Corporation

Part # ESD-R-19B
Description  ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-19B Datasheet(HTML) 5 Page - Kemet Corporation

  ESD-R-19B Datasheet HTML 1Page - Kemet Corporation ESD-R-19B Datasheet HTML 2Page - Kemet Corporation ESD-R-19B Datasheet HTML 3Page - Kemet Corporation ESD-R-19B Datasheet HTML 4Page - Kemet Corporation ESD-R-19B Datasheet HTML 5Page - Kemet Corporation ESD-R-19B Datasheet HTML 6Page - Kemet Corporation ESD-R-19B Datasheet HTML 7Page - Kemet Corporation ESD-R-19B Datasheet HTML 8Page - Kemet Corporation ESD-R-19B Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5002_ESD-R-B • 9/14/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
Performance Characteristics
Item
Performance Characteristics
Operatingtemperature
−25°Cto+60°C
Frequencyrange
Lowfrequencyandhighfrequency
Outer diameter
21.5 – 51.5 mm
Inner diameter
8.8 – 21.5 mm
Thickness
13.0 – 17.5 mm
Type
Snail-shaped case
Caseflameresistantrating
UL94 V–2
Material
MnZn5HandNiZn700L
Table 1 – Ratings & Part Number Reference
Part
Number
Dimensions (mm)
Weight
Case
Color
Compatible
Toroid Core
(Bare Type)
Frequency Range1
Material
A
B
C
Maximum
D
(g)
≤ 10 MHz
(AM band range)
≤ 300 MHz
(FM band range) MnZN NiZn
ESD-R-19B
21.5 ±1.0
8.8 ±1.0
13.0
18.5 ±1.0
12.1
White
ESD-R-19S
X
5H
—
ESD-R-19D-B
21.5 ±1.0
8.8 ±1.0
13.0
18.5 ±1.0
11.7
Black
ESD-R-19SD
X
—
700L
ESD-R-25B
29.3 ±1.0
13.9 ±1.0
15.0
23.0 ±1.0
21.8
White
ESD-R-25S
X
5H
—
ESD-R-25D-B
29.3 ±1.0
13.9 ±1.0
15.0
23.0 ±1.0
12.9
Black
ESD-R-25SD
X
—
700L
ESD-R-38B
42.4 ±0.8
17.9 ±0.8
16.0
28.0 ±0.8
58.6
White
ESD-R-38D
X
5H
—
ESD-R-38D-B
42.4 ±0.8
17.9 ±0.8
16.0
28.0 ±0.8
58.6
Black
—
X
—
700L
ESD-R-47B
51.5 ±0.7
25.5 ±0.7
17.5
34.0 ±0.7
89.0
White
—
X
5H
—
ESD-R-47D-B
51.5 ±0.7
25.5 ±0.7
17.5
34.0 ±0.7
89.0
Black
—
X
—
700L
Part
Number
A
B
C
Maximum
D
(g)
Color
Compatible
Toroid Core
(Bare Type)
≤ 10 MHz
(AM band range)
≤ 300 MHz
(FM band range)
MnZn
NiZn
Dimensions
Weight
Frequency Range1
Material
1
Frequency range is for reference only. Please test with actual device before use.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com