Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W008ET Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29W008ET
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008ET Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29W008ET Datasheet HTML 9Page - STMicroelectronics M29W008ET Datasheet HTML 10Page - STMicroelectronics M29W008ET Datasheet HTML 11Page - STMicroelectronics M29W008ET Datasheet HTML 12Page - STMicroelectronics M29W008ET Datasheet HTML 13Page - STMicroelectronics M29W008ET Datasheet HTML 14Page - STMicroelectronics M29W008ET Datasheet HTML 15Page - STMicroelectronics M29W008ET Datasheet HTML 16Page - STMicroelectronics M29W008ET Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
M29W008ET, M29W008EB
3 Bus Operations
13/43
3.2
Special bus operations
Additional bus operations can be performed to read the Electronic Signature and also to apply
and remove Block Protection. These bus operations are intended for use by programming
equipment and are not usually used in applications. They require VID to be applied to some
pins.
3.2.1
Read Electronic Signature
The memory has two codes, the Manufacturer code and the Device code, that can be read to
identify the memory.
These codes allow programming equipment or applications to automatically match their
interface to the characteristics of the M29W008E.
The electronic Signature is output either by applying the signals listed in
Table 2: Bus
Operations or by issuing an Auto Select command (see Section 4.2: Auto Select command).
3.2.2
Block Protection and Unprotection
Each block can be individually protected against accidental Program or Erase using
programming equipment. Protected blocks can be unprotected to allow data to be changed.
There are two methods available for protecting and unprotecting the blocks, one for use on
programming equipment (Programmer Technique) and the other for in-system use (In-System
Technique). Block Protect and Chip Unprotect operations are described in
Appendix B: Block
protection.
Table 2.
Bus Operations
Operation
E
G
W
RP
Address Inputs A0-A19
DQ0-
DQ7
Byte Read
VIL
VIL
VIH
VIH
Cell Address
Data
Output
Byte Write
VIL
VIH
VIL
VIH
Command Address
Data
Input
Output Disable
VIL
VIH
VIH
VIH
XHi-Z
Standby
VIH X(1)
1.
X = VIL or VIH.
X(1)
VIH
XHi-Z
Read
Electronic
signature
Manufacturer Code
VIL
VIL
VIH
VIH
A0= VIL, A1= VIL, A9=VID,
others address bits are ‘Don’t Care’
20h
Device
Code
M29W008ET
VIL
VIL
VIH
VIH
A0= VIH, A1= VIL, A9=VID,
others address bits are ‘Don’t Care’
D2h
M29W008EB
DCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com