Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W008ET Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29W008ET
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008ET Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29W008ET Datasheet HTML 17Page - STMicroelectronics M29W008ET Datasheet HTML 18Page - STMicroelectronics M29W008ET Datasheet HTML 19Page - STMicroelectronics M29W008ET Datasheet HTML 20Page - STMicroelectronics M29W008ET Datasheet HTML 21Page - STMicroelectronics M29W008ET Datasheet HTML 22Page - STMicroelectronics M29W008ET Datasheet HTML 23Page - STMicroelectronics M29W008ET Datasheet HTML 24Page - STMicroelectronics M29W008ET Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
M29W008ET, M29W008EB
5 Status register
21/43
5.3
Error Bit (DQ5)
The Error Bit can be used to identify errors detected by the Program/Erase Controller. The
Error Bit is set to ’1’ when a Program, Block Erase or Chip Erase operation fails to write the
correct data to the memory. If the Error Bit is set a Read/Reset command must be issued
before other commands are issued. The Error bit is output on DQ5 when the Status Register is
read.
Note that the Program command cannot change a bit set to ’0’ back to ’1’ and attempting to do
so will set DQ5 to ‘1’. A Bus Read operation to that address will show the bit is still ‘0’. One of
the Erase commands must be used to set all the bits in a block or in the whole memory from ’0’
to ’1’
5.4
Erase Timer Bit (DQ3)
The Erase Timer Bit can be used to identify the start of Program/Erase Controller operation
during a Block Erase command. Once the Program/Erase Controller starts erasing the Erase
Timer Bit is set to ’1’. Before the Program/Erase Controller starts the Erase Timer Bit is set to ’0’
and additional blocks to be erased may be written to the Command Interface. The Erase Timer
Bit is output on DQ3 when the Status Register is read.
5.5
Alternative Toggle Bit (DQ2)
The Alternative Toggle Bit can be used to monitor the Program/Erase controller during Erase
operations. The Alternative Toggle Bit is output on DQ2 when the Status Register is read.
During Chip Erase and Block Erase operations the Toggle Bit changes from ’0’ to ’1’ to ’0’, etc.,
with successive Bus Read operations from addresses within the blocks being erased. A
protected block is treated the same as a block not being erased. Once the operation completes
the memory returns to Read mode.
During Erase Suspend the Alternative Toggle Bit changes from ’0’ to ’1’ to ’0’, etc. with
successive Bus Read operations from addresses within the blocks being erased. Bus Read
operations to addresses within blocks not being erased will output the memory cell data as if in
Read mode.
After an Erase operation that causes the Error Bit to be set the Alternative Toggle Bit can be
used to identify which block or blocks have caused the error. The Alternative Toggle Bit
changes from ’0’ to ’1’ to ’0’, etc. with successive Bus Read Operations from addresses within
blocks that have not erased correctly. The Alternative Toggle Bit does not change if the
addressed block has erased correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com