Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W008ET Datasheet(PDF) 30 Page - STMicroelectronics

Part # M29W008ET
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008ET Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M29W008ET Datasheet HTML 26Page - STMicroelectronics M29W008ET Datasheet HTML 27Page - STMicroelectronics M29W008ET Datasheet HTML 28Page - STMicroelectronics M29W008ET Datasheet HTML 29Page - STMicroelectronics M29W008ET Datasheet HTML 30Page - STMicroelectronics M29W008ET Datasheet HTML 31Page - STMicroelectronics M29W008ET Datasheet HTML 32Page - STMicroelectronics M29W008ET Datasheet HTML 33Page - STMicroelectronics M29W008ET Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
7 DC and AC characteristics
M29W008ET, M29W008EB
30/43
Table 12.
Write AC Characteristics, E Controlled
Symbol
Alt
Parameter
M29W008E
Unit
70
90
tAVAV
tWC
Address Valid to Next Address Valid
Min
70
90
ns
tWLEL
tWS
Write Enable Low to Chip Enable Low
Min
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
45
50
ns
tDVEH
tDS
Input Valid to Chip Enable High
Min
45
50
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
0
ns
tEHWH
tWH
Chip Enable High to Write Enable High
Min
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
Min
30
30
ns
tAVEL
tAS
Address Valid to Chip Enable Low
Min
0
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
Min
45
50
ns
tGHEL
Output Enable High Chip Enable Low
Min
0
0
ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
Min
0
0
ns
tEHRL
(1)
1.
Sampled only, not 100% tested.
tBUSY
Program/Erase Valid to RB Low
Max
30
35
ns
tVCHWL
tVCS
VCC High to Write Enable Low
Min
50
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com