Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6041 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6041
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6041 Datasheet HTML 1Page - Microchip Technology MCP6041 Datasheet HTML 2Page - Microchip Technology MCP6041 Datasheet HTML 3Page - Microchip Technology MCP6041 Datasheet HTML 4Page - Microchip Technology MCP6041 Datasheet HTML 5Page - Microchip Technology MCP6041 Datasheet HTML 6Page - Microchip Technology MCP6041 Datasheet HTML 7Page - Microchip Technology MCP6041 Datasheet HTML 8Page - Microchip Technology MCP6041 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2002 Microchip Technology Inc.
DS21669B-page 3
MCP6041/2/3/4
MCP6041/2/3/4 AC ELECTRICAL SPECIFICATIONS
SPECIFICATIONS FOR MCP6043 CHIP SELECT FEATURE
MCP6041/2/3/4 TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +5 V, VSS = GND, TA = 25 °C,
VCM = VDD/2, RL = 1 MΩ to VDD/2, CL = 60 pF, and VOUT ~ VDD/2
Parameters
Sym
Min
Typ
Max
Units
Conditions
Gain Bandwidth Product
GBWP
—
14
—
kHz
Slew Rate
SR
—
3.0
—
V/ms
Phase Margin
PM
—
65
—
°
G = +1
Input Voltage Noise
En
—
5.0
—
µVp-p
f = 0.1 Hz to 10 Hz
Input Voltage Noise Density
en
—170
—
nV/
√Hz f = 1 kHz
Input Current Noise Density
in
—0.6
—
fA/
√Hz f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +1.4 V to +5.5 V, VSS = GND, TA = 25 °C,
VCM = VDD/2, RL = 1 MΩ to VDD/2, CL = 60 pF, and VOUT ~ VDD/2
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications:
CS Logic Threshold, Low
VIL
VSS
—VSS + 0.3
V
For entire VDD range
CS Input Current, Low
ICSL
—5.0
—
pA
CS = VSS
CS High Specifications:
CS Logic Threshold, High
VIH
VDD - 0.3
—
VDD
V
For entire VDD range
CS Input Current, High
ICSH
—5.0
—
pA
CS = VDD
CS Input High, GND Current
IQ
—20
—
pA
CS = VDD
Amplifier Output Leakage, CS High
—
20
—
pA
CS = VDD
Dynamic Specifications:
CS Low to Amplifier Output High
Turn-on Time
tON
—2.0
50
ms
CS low = VSS + 0.3 V, G = +1 V/V,
VOUT = 0.9 VDD/2
CS High to Amplifier Output High Z
tOFF
—10
—
µs
CS high = VDD - 0.3 V, G = +1 V/V
VOUT = 0.1 VDD/2
Hysteresis
VHYST
—0.6
—
V
VDD = 5 V
Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +1.4 V to +5.5 V, VSS = GND
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Temperature Ranges:
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances:
Thermal Resistance, 5L-SOT23
θJA
—
256
—
°C/W
Thermal Resistance, 8L-PDIP
θJA
—
85
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—
163
—
°C/W
Thermal Resistance, 8L-MSOP
θJA
—
206
—
°C/W
Thermal Resistance, 14L-PDIP
θJA
—
70
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—
120
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—
100
—
°C/W
Note 1: The MCP6041/2/3/4 family of op amps operates over this extended range, but with reduced performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com