Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6041 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6041
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6041 Datasheet HTML 4Page - Microchip Technology MCP6041 Datasheet HTML 5Page - Microchip Technology MCP6041 Datasheet HTML 6Page - Microchip Technology MCP6041 Datasheet HTML 7Page - Microchip Technology MCP6041 Datasheet HTML 8Page - Microchip Technology MCP6041 Datasheet HTML 9Page - Microchip Technology MCP6041 Datasheet HTML 10Page - Microchip Technology MCP6041 Datasheet HTML 11Page - Microchip Technology MCP6041 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP6041/2/3/4
DS21669B-page 8
2002 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = +5 V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2,
CL = 60 pF, and VOUT ~VDD/2.
FIGURE 2-25:
Channel to Channel
Separation vs. Frequency (MCP6042 and
MCP6044 only).
FIGURE 2-26:
Gain Bandwidth Product,
Phase Margin vs. Temperature with VDD = 5.5 V,
Unity Gain.
FIGURE 2-27:
Unity Loop Gain Frequency,
Phase Margin vs. Load Capacitance.
FIGURE 2-28:
Gain Bandwidth Product,
Phase Margin vs. Common Mode Input Voltage
with Unity Gain.
FIGURE 2-29:
Gain Bandwidth Product,
Phase Margin vs. Temperature with VDD = 1.4 V,
Unity Gain.
FIGURE 2-30:
Output Short Circuit Current
vs. Temperature vs. Power Supply Voltage.
60
70
80
90
100
110
120
130
1.E+02
1.E+03
1.E+04
Frequency (Hz)
100
1k
10k
Input Referred
0
2
4
6
8
10
12
14
16
18
-40
-20
0
2040
6080
Temperature (°C)
0
10
20
30
40
50
60
70
80
90
Phase Margin
Gain Bandwidth Product
VDD = 5.5V
G = +1 V/V
0
2
4
6
8
10
12
14
16
18
10
100
1000
Load Capacitance (pF)
0
10
20
30
40
50
60
70
80
90
Unity Loop Gain Frequency
Phase Margin
VDD = 5.5V
G = +1 V/V
RL = 10 kΩ
0
2
4
6
8
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Common Mode Input Voltage(V)
0
10
20
30
40
50
60
70
80
90
Phase Margin
Gain Bandwidth Product
VDD = 5V
RL = 100 kΩ
G = +1 V/V
0
2
4
6
8
10
12
14
16
18
-40
-20
0
20
40
60
80
Temperature (°C)
0
10
20
30
40
50
60
70
80
90
Phase Margin
Gain Bandwidth Product
VDD = 1.4V
G = +1 V/V
0
5
10
15
20
25
30
35
40
-40
-20
0
20
406080
Temperature (°C)
| ISC- | @ VDD=5.5V
ISC+ @ VDD=5.5V
| ISC- | @ VDD=1.4V
ISC+ @ VDD=1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com