Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6041 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6041
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6041 Datasheet HTML 1Page - Microchip Technology MCP6041 Datasheet HTML 2Page - Microchip Technology MCP6041 Datasheet HTML 3Page - Microchip Technology MCP6041 Datasheet HTML 4Page - Microchip Technology MCP6041 Datasheet HTML 5Page - Microchip Technology MCP6041 Datasheet HTML 6Page - Microchip Technology MCP6041 Datasheet HTML 7Page - Microchip Technology MCP6041 Datasheet HTML 8Page - Microchip Technology MCP6041 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP6041/2/3/4
DS21669B-page 4
2002 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, VDD = +5 V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2,
CL = 60 pF, and VOUT ~VDD/2.
FIGURE 2-1:
Histogram of Input Offset
Voltage with VDD = 5.5 V, VCM = VDD.
FIGURE 2-2:
Histogram of Input Offset
Voltage with VDD = 5.5 V, VCM = VDD/2.
FIGURE 2-3:
Histogram of Input Offset
Voltage with VDD = 5.5 V, VCM = VSS.
FIGURE 2-4:
Histogram of Input Offset
Voltage with VDD = 1.4 V, VCM = VDD.
FIGURE 2-5:
Histogram of Input Offset
Voltage with VDD = 1.4 V, VCM = VDD/2.
FIGURE 2-6:
Histogram of Input Offset
Voltage with VDD = 1.4 V, VCM = VSS.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
5%
10%
15%
20%
25%
30%
35%
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Input Offset Voltage (mV)
1196 Samples
VDD = 5.5V
VCM = VDD
0%
5%
10%
15%
20%
25%
30%
35%
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Input Offset Voltage (mV)
1199 Samples
VDD = 5.5V
VCM = VDD/2
0%
5%
10%
15%
20%
25%
30%
35%
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Input Offset Voltage (mV)
1199 Samples
VDD = 5.5V
VCM = VSS
0%
5%
10%
15%
20%
25%
30%
35%
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Input Offset Voltage (mV)
1196 Samples
VDD = 1.4V
VCM = VDD
0%
5%
10%
15%
20%
25%
30%
35%
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Input Offset Voltage (mV)
1199 Samples
VDD = 1.4V
VCM = VDD/2
0%
5%
10%
15%
20%
25%
30%
35%
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Input Offset Voltage (mV)
1199 Samples
VDD = 1.4V
VCM = VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com