Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26V-R51170 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS26V-R51170
Description  AC Line Filters SS Coils, SS26V Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS26V-R51170 Datasheet(HTML) 1 Page - Kemet Corporation

  SS26V-R51170 Datasheet HTML 1Page - Kemet Corporation SS26V-R51170 Datasheet HTML 2Page - Kemet Corporation SS26V-R51170 Datasheet HTML 3Page - Kemet Corporation SS26V-R51170 Datasheet HTML 4Page - Kemet Corporation SS26V-R51170 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0030_SS26V • 11/5/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• High inductance in a compact design
• Pin pitch is identical to SS28V Type and SS24V Type,
making design and replacement easier
• Inductances up to 117 mH
• Rated Currents up to 3 A
• DCResistancesaslowas0.10Ω
Overview
TheKEMETSSCoils,SS26VTypeAClinefiltersareoffered
inawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS26V Type
Part Number System
SS
26
V-
R
5
1170
Series
Core Size (mm)
Core Orientation
Core Type
Rated Current AC (A)
Inductance (mH) Minimum
SS
26 = 26.0 mm
V- = Vertical
Blank = Standard
R = High permeability
0x = 0.x A
xx = x.x A
Examples:
05 = 0.5 A
25 = 2.5 A
xxx0 = xxx mH
0xxx = xx mH
00xx = x.x mH
Examples:
1170 = 117 mH
0162 = 16.2 mH
0038 = 3.8 mH


Similar Part No. - SS26V-R51170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS26V-R060860 KEMET-SS26V-R060860 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS26V-R060860 KEMET-SS26V-R060860 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.086 H
SS26V-R070680 KEMET-SS26V-R070680 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS26V-R080470 KEMET-SS26V-R080470 Datasheet
377Kb / 6P
SS Coils, SS26V Type
More results

Similar Description - SS26V-R51170

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLY10AN3521R0D2B MURATA-PLY10AN3521R0D2B Datasheet
94Kb / 3P
AC Line Filters Hybrid Choke Coils
logo
Kemet Corporation
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
SS Coils, SS30V Type
SSB11V-R1390 KEMET-SSB11V-R1390 Datasheet
314Kb / 4P
AC Line Filters SS Coils, SSB11V-R/11H-R Type
SS26V-050880 KEMET-SS26V-050880 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.088 H
SS26V-R060860 KEMET-SS26V-R060860 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.086 H
SS26V-060640 KEMET-SS26V-060640 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.064 H
SS26V-150121 KEMET-SS26V-150121 Datasheet
78Kb / 1P
KEMET, SS26V, AC Line Filters, Common Mode, 0.0121 H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com