Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26V-R51170 Datasheet(PDF) 4 Page - Kemet Corporation

Part # SS26V-R51170
Description  AC Line Filters SS Coils, SS26V Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS26V-R51170 Datasheet(HTML) 4 Page - Kemet Corporation

  SS26V-R51170 Datasheet HTML 1Page - Kemet Corporation SS26V-R51170 Datasheet HTML 2Page - Kemet Corporation SS26V-R51170 Datasheet HTML 3Page - Kemet Corporation SS26V-R51170 Datasheet HTML 4Page - Kemet Corporation SS26V-R51170 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0030_SS26V • 11/5/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – SS Coils, SS26V Type
Frequency Characteristics
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderability
before use.
Storage Condition
• Avoid storage in high temperature and high humidity environment, as such condition may deteriorate the solderability
of external electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate
the solderability of external electrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
AC Line Filters
51
Common mode
Impedance vs. Frequency
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
36
1
3
6
1
36
1
3
6
1
3
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
050880
080350
100250
120169
060640
070510
150121
180092
200076
300028
050880
080350
100250
120169
060640
070510
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
150121
180092
200076
300028
250046
250046
R051170
R080470
R100330
R120220
R060860
R070680
R051170
R080470
R100330
R120220
R060860
R070680
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
R150162
R180123
R200102
R250061
R300038
R150162
R180123
R200102
R250061
R300038



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com