Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26V-R51170 Datasheet(PDF) 3 Page - Kemet Corporation

Part # SS26V-R51170
Description  AC Line Filters SS Coils, SS26V Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS26V-R51170 Datasheet(HTML) 3 Page - Kemet Corporation

  SS26V-R51170 Datasheet HTML 1Page - Kemet Corporation SS26V-R51170 Datasheet HTML 2Page - Kemet Corporation SS26V-R51170 Datasheet HTML 3Page - Kemet Corporation SS26V-R51170 Datasheet HTML 4Page - Kemet Corporation SS26V-R51170 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0030_SS26V • 11/5/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – SS Coils, SS26V Type
Table 1 – Ratings & Part Number Reference
Specifications
Item
SS26V
Rated Voltage
250 VAC
Withstanding Voltage
2,400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩat500VDC(betweenlines)
Thermal Class
E (120°C)
Operating Temperature Range
−25°CtoT(T=120–temperaturerise)
Inductance Measurement Condition
1 kHz, 1 V, KC530
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SS26V-050880
0.5
88.0
2.40
45
05 Lot No.
25.3
SS26V-060640
0.6
64.0
1.80
45
06 Lot No.
25.4
SS26V-070510
0.7
51.0
1.40
50
07 Lot No.
25.2
SS26V-080350
0.8
35.0
1.00
45
08 Lot No.
25.0
SS26V-100250
1.0
25.0
0.70
45
10 Lot No.
25.8
SS26V-120169
1.2
16.9
0.55
50
12 Lot No.
22.6
SS26V-150121
1.5
12.1
0.40
50
15 Lot No.
23.5
SS26V-180092
1.8
9.2
0.30
50
18 Lot No.
24.3
SS26V-200076
2.0
7.6
0.25
50
20 Lot No.
25.9
SS26V-250046
2.5
4.6
0.15
50
25 Lot No.
24.3
SS26V-300028
3.0
2.8
0.10
50
30 Lot No.
23.0
SS26V-R051170
0.5
117.0
2.40
45
R05 Lot No.
25.3
SS26V-R060860
0.6
86.0
1.80
45
R06 Lot No.
25.4
SS26V-R070680
0.7
68.0
1.40
50
R07 Lot No.
25.2
SS26V-R080470
0.8
47.0
1.00
45
R08 Lot No.
25.0
SS26V-R100330
1.0
33.0
0.70
45
R10 Lot No.
25.8
SS26V-R120220
1.2
22.0
0.55
50
R12 Lot No.
22.6
SS26V-R150162
1.5
16.2
0.40
50
R15 Lot No.
23.5
SS26V-R180123
1.8
12.3
0.30
50
R18 Lot No.
24.3
SS26V-R200102
2.0
10.2
0.25
50
R20 Lot No.
25.9
SS26V-R250061
2.5
6.1
0.15
50
R25 Lot No.
24.3
SS26V-R300038
3.0
3.8
0.10
50
R30 Lot No.
23.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com