Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B06G-R24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L16B06G-R24-R
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B06G-R24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L16B06G-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L16B06
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
2 of 13
www.unisonic.com.tw
QW-R502-A45.c
PI N CON N ECT I ON
PI N DESCRI PT I ON
PIN No.
PIN NAME
FUNCTION
1
GND
Ground terminal.
2
DAI
Serial data input terminal.
3
DCK
Synchronous clock input terminal for serial data transfer. Data is sampled at the rising
edge of DCK.
4
LAT
Input terminal of data strobe. Data on shift register goes through at the high level of LAT
(level trigger). Otherwise, data is latched.
5-20
OUT0-15
Sink constant-current outputs (open-drain).
21
EN
Output enable terminal:
‘H’ for all outputs are turned off,
‘L’ for all outputs are active.
22
DAO
Serial data output terminal.
23
REXT
External resistors connected between REXT and GND for output current value setting.
24
VDD
Supply voltage terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com