Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B06G-R24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L16B06G-R24-R
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B06G-R24-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button L16B06G-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 9Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L16B06
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 13
www.unisonic.com.tw
QW-R502-A45.c
SWI T CH I N G CH ARACT ERI ST I CS (VDD=5.0V, TA=25C, unless otherwise specified)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
EN-to-OUT0
52
ns
LAT-to-OUT0
49
ns
Propagation Delay
(‘L’ to ‘H’)
DCK-to-DAO
tPLH
20
ns
EN-to-OUT0
22
ns
LAT-to-OUT0
75
ns
Propagation Delay
(‘H’ to ‘L’)
DCK-to-DAO
tPHL
19.5
ns
Output Current Rise Time
tOR
33.5
ns
Output Current Fall Time
tOF
6
ns
Output Delay Time
(OUT(n)-to-OUT(n+1))
tOD
VIH=VDD, VIL=GND
RREXT=2.2k
Ω,
VL=5.0V, CL=13pF
5
ns
SWI T CH I N G CH ARACT ERI ST I CS (VDD=3.3V, TA=25C, unless otherwise specified)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
EN-to-OUT0
51
ns
LAT-to-OUT0
21.5
ns
Propagation Delay
(‘L’ to ‘H’)
DCK-to-DAO
tPLH
12
ns
EN-to-OUT0
23
ns
LAT-to-OUT0
49
ns
Propagation Delay
(‘H’ to ‘L’)
DCK-to-DAO
tPHL
11.5
ns
Output Current Rise Time
tOR
35
ns
Output Current Fall Time
tOF
10
ns
Output Delay Time
(OUT(n)-to-OUT(n+1))
tOD
VIH=VDD, VIL=GND
RREXT =2.2K
Ω
VL=5.0V, CL=13pF
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com