Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B06G-R24-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # L16B06G-R24-R
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B06G-R24-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button L16B06G-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 9Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 10Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 11Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 12Page - Unisonic Technologies L16B06G-R24-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
L16B06
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
9 of 13
www.unisonic.com.tw
QW-R502-A45.c
T I M I N G DI AGRAM (Cont .)
4. EN -OUT0
5. OUTn+1-OUTn
CON ST AN T -CU RREN T OU T PU T
Constant-current value of each output channel is set by an external resistor connected between the REXT pin
an GND. Varying the resistor value can adjust the current scale ranging from 3mA to 60mA. The reference voltage of
REXT terminal (Vrext) is approximately 1.2V. The output current value is calculated roughly by the following
equation:
REXT
OUT
REXT
V(V)
I(mA)
M
R(K
Ω)
Iout(mA)
3
5
10
20
30
40
50
M
55
54.1
50
46.6
45
43.3
41.6s
In order to obtain a good performance of constant-current output, a suitable output voltage is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com