Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F97-HT3 Datasheet(PDF) 2 Page - AVX Corporation

Part # F97-HT3
Description  High Temperature 135째C, Resin-molded Chip, High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F97-HT3 Datasheet(HTML) 2 Page - AVX Corporation

  F97-HT3 Datasheet HTML 1Page - AVX Corporation F97-HT3 Datasheet HTML 2Page - AVX Corporation F97-HT3 Datasheet HTML 3Page - AVX Corporation F97-HT3 Datasheet HTML 4Page - AVX Corporation F97-HT3 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
052218
113
F97-HT3 Series
High Temperature 135°C, Resin-molded Chip, High Reliability
Capacitance
Rated Voltage
µF
Code
6.3V (0J)
10V (1A)
16V (1C)
20V (1D)
25V (1E)
35V (1V)
0.33
334
A
0.47
474
A
0.68
684
A
A
A
1
105
A
A
A
B
1.5
155
A
A
B
2.2
225
A
A
A
B
B
3.3
335
A
A
A
B
B
C
4.7
475
A
A/B
A/B
A/B
C
C
6.8
685
A/B
B
B
C
C
N
10
106
A/B
A/B/C
C
C/N
N
15
156
B
A/B
C
N
N
22
226
A/B
A/B
B/C/N
C/N
33
336
A/C
B/C/N
B/C/N
47
476
B/C
C/N
C/N
68
686
N
N
100
107
N
Released ratings
Please contact to your local AVX sales office when these series are being designed in your application.
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
100%
100%
63%
67%
67%
42%
50%
50%
32%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-55ºC
95ºC
135ºC
Voltage vs Temperature Rating
Rated Voltage
Recommended Applications Voltage in General Circuit
Recommended Applications Voltage in Low Impedance Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com