Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F97-HT3 Datasheet(PDF) 3 Page - AVX Corporation

Part # F97-HT3
Description  High Temperature 135째C, Resin-molded Chip, High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F97-HT3 Datasheet(HTML) 3 Page - AVX Corporation

  F97-HT3 Datasheet HTML 1Page - AVX Corporation F97-HT3 Datasheet HTML 2Page - AVX Corporation F97-HT3 Datasheet HTML 3Page - AVX Corporation F97-HT3 Datasheet HTML 4Page - AVX Corporation F97-HT3 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
114
052218
F97-HT3 Series
High Temperature 135°C, Resin-molded Chip, High Reliability
RATINGS & PART NUMBER REFERENCE
AVX
Case Capacitance
Rated
Leakage
DF
ESR
*1
Part No.
Size
(μF)
Voltage
Current @ 120Hz @ 100kHz
ΔC/C
MSL
(V)
(μA)
(%)
(Ω)
(%)
6.3 Volt
F970J335#AAHT3
A
3.3
6.3
0.5
4
4.5
*
3
F970J475#AAHT3
A
4.7
6.3
0.5
6
4.0
*
3
F970J685#AAHT3
A
6.8
6.3
0.5
6
3.5
*
3
F970J685#BAHT3
B
6.8
6.3
0.5
6
2.5
*
3
F970J156#BAHT3
B
15
6.3
0.9
6
2.0
*
3
F970J226#AAHT3
A
22
6.3
1.4
12
2.5
*
3
F970J226#BAHT3
B
22
6.3
1.4
8
1.9
*
3
F970J336#AAHT3
A
33
6.3
2.1
12
2.5
*
3
F970J336#CCHT3
C
33
6.3
2.1
6
1.1
*
3
F970J476#BAHT3
B
47
6.3
3.0
8
1.0
*
3
F970J476#CCHT3
C
47
6.3
3.0
6
0.9
*
3
F970J686#NCHT3
N
68
6.3
4.3
6
0.6
*
3
F970J107#NCHT3
N
100
6.3
6.3
8
0.6
*
3
10 Volt
F971A225#AAHT3
A
2.2
10
0.5
4
5.0
*
3
F971A335#AAHT3
A
3.3
10
0.5
4
4.5
*
3
F971A475#AAHT3
A
4.7
10
0.5
6
4.0
*
3
F971A475#BAHT3
B
4.7
10
0.5
6
2.8
*
3
F971A685#BAHT3
B
6.8
10
0.7
6
2.5
*
3
F971A106#AAHT3
A
10
10
1.0
6
3.0
*
3
F971A106#BAHT3
B
10
10
1.0
6
2.0
*
3
F971A156#AAHT3
A
15
10
1.5
10
3.0
*
3
F971A156#BAHT3
B
15
10
1.5
6
2.0
*
3
F971A226#AAHT3
A
22
10
2.2
15
3.0
*
3
F971A226#BAHT3
B
22
10
2.2
8
1.9
*
3
F971A336#BAHT3
B
33
10
3.3
8
1.9
*
3
F971A336#CCHT3
C
33
10
3.3
6
1.1
*
3
F971A336#NCHT3
N
33
10
3.3
6
0.7
*
3
F971A476#CCHT3
C
47
10
4.7
8
0.9
*
3
F971A476#NCHT3
N
47
10
4.7
6
0.7
*
3
F971A686#NCHT3
N
68
10
6.8
6
0.6
*
3
16 Volt
F971C105#AAHT3
A
1
16
0.5
4
7.5
*
3
F971C155#AAHT3
A
1.5
16
0.5
4
6.3
*
3
F971C225#AAHT3
A
2.2
16
0.5
4
5.0
*
3
F971C335#AAHT3
A
3.3
16
0.5
4
4.5
*
3
F971C475#AAHT3
A
4.7
16
0.8
8
4.0
*
3
F971C475#BAHT3
B
4.7
16
0.8
6
2.8
*
3
F971C685#BAHT3
B
6.8
16
1.1
6
2.5
*
3
F971C106#AAHT3
A
10
16
1.6
8
3.5
*
3
F971C106#BAHT3
B
10
16
1.6
6
2.1
*
3
F971C106#CCHT3
C
10
16
1.6
6
1.5
*
3
AVX
Case Capacitance
Rated
Leakage
DF
ESR
*1
Part No.
Size
(μF)
Voltage
Current @ 120Hz @ 100kHz
ΔC/C
MSL
(V)
(μA)
(%)
(Ω)
(%)
F971C156#CCHT3
C
15
16
2.4
6
1.2
*
3
F971C226#BAHT3
B
22
16
3.5
8
1.9
*
3
F971C226#CCHT3
C
22
16
3.5
8
1.1
*
3
F971C226#NCHT3
N
22
16
3.5
6
0.7
*
3
F971C336#BAHT3
B
33
16
5.3
10
2.1
*
3
F971C336#CCHT3
C
33
16
5.3
8
1.1
*
3
F971C336#NCHT3
N
33
16
5.3
6
0.7
*
3
F971C476#CCHT3
C
47
16
7.5
10
1.1
*
3
F971C476#NCHT3
N
47
16
7.5
8
0.7
*
3
20 Volt
F971D684#AAHT3
A
0.68
20
0.5
4
7.6
*
3
F971D105#AAHT3
A
1
20
0.5
4
7.5
*
3
F971D155#AAHT3
A
1.5
20
0.5
4
6.7
*
3
F971D225#AAHT3
A
2.2
20
0.5
6
6.3
*
3
F971D335#BAHT3
B
3.3
20
0.7
4
3.1
*
3
F971D475#AAHT3
A
4.7
20
0.9
8
4.0
*
3
F971D475#BAHT3
B
4.7
20
0.9
6
2.8
*
3
F971D685#CCHT3
C
6.8
20
1.4
6
1.8
*
3
F971D106#CCHT3
C
10
20
2.0
6
1.5
*
3
F971D156#NCHT3
N
15
20
3.0
6
0.7
*
3
F971D226#CCHT3
C
22
20
4.4
8
1.1
*
3
F971D226#NCHT3
N
22
20
4.4
6
0.7
*
3
25 Volt
F971E684#AAHT3
A
0.68
25
0.5
4
7.6
*
3
F971E105#AAHT3
A
1
25
0.5
4
7.5
*
3
F971E225#BAHT3
B
2.2
25
0.6
4
3.8
*
3
F971E335#BAHT3
B
3.3
25
0.8
4
3.5
*
3
F971E475#CCHT3
C
4.7
25
1.2
6
1.8
*
3
F971E685#CCHT3
C
6.8
25
1.7
6
1.8
*
3
F971E106#CCHT3
C
10
25
2.5
6
1.6
*
3
F971E106#NCHT3
N
10
25
2.5
6
1.0
*
3
F971E156#NCHT3
N
15
25
3.8
6
0.7
*
3
35 Volt
F971V334#AAHT3
A
0.33
35
0.5
4
12.0
*
3
F971V474#AAHT3
A
0.47
35
0.5
4
10.0
*
3
F971V684#AAHT3
A
0.68
35
0.5
4
7.6
*
3
F971V105#BAHT3
B
1
35
0.5
4
4.0
*
3
F971V155#BAHT3
B
1.5
35
0.5
4
4.0
*
3
F971V225#BAHT3
B
2.2
35
0.8
4
3.8
*
3
F971V335#CCHT3
C
3.3
35
1.2
4
2.0
*
3
F971V475#CCHT3
C
4.7
35
1.6
6
1.8
*
3
F971V685#NCHT3
N
6.8
35
2.4
6
1.0
*
3
F971V106#NCHT3
N
10
35
3.5
6
1.0
*
3
#: "M" for ±20% tolerance, "K" for ± 10% tolerance.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
Item
All Case (%)
Damp Heat
±10
Temperature cycles
±5
Resistance soldering heat
±5
Surge
±5
Endurance
±10
Load Humidity
±10
*1:
ΔC/C Marked “*”



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com