Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F97-HT3 Datasheet(PDF) 1 Page - AVX Corporation

Part # F97-HT3
Description  High Temperature 135째C, Resin-molded Chip, High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F97-HT3 Datasheet(HTML) 1 Page - AVX Corporation

  F97-HT3 Datasheet HTML 1Page - AVX Corporation F97-HT3 Datasheet HTML 2Page - AVX Corporation F97-HT3 Datasheet HTML 3Page - AVX Corporation F97-HT3 Datasheet HTML 4Page - AVX Corporation F97-HT3 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
112
052218
F97-HT3 Series
High Temperature 135°C, Resin-molded Chip, High Reliability
FEATURES
• High temperature 135˚C
• AEC-Q200 qualified
• Failure rate level 0.5%/ 1000 hrs
APPLICATIONS
• Automotive electronics (Engine ECU, Transmission, Oil pump)
• Industrial equipment
LEAD-FREE COMPATI-
BLE
COMPONENT
L
H
S
W1
W2
S
L
H
S
W1
W2
S
A, B CASE
C, N CASE
F97
Series
1C
Rated
Voltage
335
Capacitance
Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
A
Case
Size
See
table
above
HOW TO ORDER
Packaging
See Tape & Reel
Packaging Section
HT3
Temperature
Range
135ºC MAX
CASE DIMENSIONS: millimeters (inches)
Code
EIA Code EIA Metric
L
W1
W2
H
S
A
1206
3216-18
3.20 ± 0.20
1.60 ± 0.20
1.20 ± 0.10
1.60 ± 0.20
0.80 ± 0.20
(0.126 ± 0.008)
(0.063 ± 0.008)
(0.047 ± 0.004)
(0.063 ± 0.008)
(0.031 ± 0.008)
B
1210
3528-21
3.50 ± 0.20
2.80 ± 0.20
2.20 ± 0.10
1.90 ± 0.20
0.80 ± 0.20
(0.126 ± 0.008)
(0.110 ± 0.008)
(0.087 ± 0.004)
(0.075 ± 0.008)
(0.031 ± 0.008)
C
2312
6032-27
6.00 ± 0.20
3.20 ± 0.20
2.20 ± 0.10
2.50 ± 0.20
1.30 ± 0.20
(0.236 ± 0.008)
(0.126 ± 0.008)
(0.087 ± 0.004)
(0.098 ± 0.008)
(0.051 ± 0.008)
N
2917
7343-30
7.30 ± 0.20
4.30 ± 0.20
2.40 ± 0.10
2.80 ± 0.20
1.30 ± 0.20
(0.287 ± 0.008)
(0.169 ± 0.008)
(0.094 ± 0.004)
(0.110 ±0.008)
(0.051 ± 0.008)
*As for the surge voltage and derated voltage at 135°C, refer to page precautions for details.
MARKING
C 475
10
16r
A CASE
B CASE
C CASE
N CASE
Rated Voltage
Code
Rated Voltage
(V)
Rated Voltage
(V)
Rated Voltage
(V)
Capacitance
Code
Capacitance
(µF)
Capacitance
(µF)
Capacitance
(µF)
Month
Code
Month
Code
Month
Code
Category Temperature Range:
-55 to +135°C
Rated Temperature:
+95°C
Capacitance Tolerance:
±20%, ±10% at 120Hz
Dissipation Factor:
Refer to next page
ESR 100kHz:
Refer to next page
Leakage Currect*:
After 1 minute’s application of rated voltage, leakage current at 20°C
is not more than 0.01CV or 0.5μA, whichever is greater.
After 1 minute’s application of rated voltage, leakage current at 95°C
is not more than 0.1CV or 5μA, whichever is greater.
After 1 minute’s application of derated voltage, leakage current at 135°C
is not more than 0.125CV or 6.3μA, whichever is greater.
Capacitance Change By Temperature
+15% Max. at +135°C
+10% Max. at +95°C
-10% Max. at -55°C
TECHNICAL SPECIFICATIONS


Similar Part No. - F97-HT3

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
F97-017-230-AGGAA MITSUMI-F97-017-230-AGGAA Datasheet
164Kb / 4P
Detach Connectors
More results

Similar Description - F97-HT3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F98 AVX-F98 Datasheet
87Kb / 1P
Resin-Molded Chip, High CV Frameless
logo
Nichicon corporation
UCJ1V221MCL1GS NICHICON-UCJ1V221MCL1GS Datasheet
43Kb / 1P
Chip Type, High Reliability. Low temperature ESR specification.
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
Resin-Molded Chip, High CV Undertab
logo
GETAI ELECTRONICS DEVIC...
2CL30KV-1A GETEDZ-2CL30KV-1A Datasheet
156Kb / 1P
High reliability resin molded type high voltage
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Nichicon corporation
UCH NICHICON-UCH_18 Datasheet
628Kb / 2P
Chip Type, High Reliability. Low temperature ESR specification
UCH_17 NICHICON-UCH_17_09 Datasheet
627Kb / 2P
Chip Type, High Reliability. Low temperature ESR specification.
UCH NICHICON-UCH_17 Datasheet
1Mb / 1P
Chip Type, High Reliability. Low temperature ESR specification
GYC NICHICON-GYC Datasheet
745Kb / 2P
Chip Type, 135째C High Reliability
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
02-Nov-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com