Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM Datasheet(PDF) 2 Page - AVX Corporation

Part # SCM
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCM Datasheet(HTML) 2 Page - AVX Corporation

  SCM Datasheet HTML 1Page - AVX Corporation SCM Datasheet HTML 2Page - AVX Corporation SCM Datasheet HTML 3Page - AVX Corporation SCM Datasheet HTML 4Page - AVX Corporation SCM Datasheet HTML 5Page - AVX Corporation SCM Datasheet HTML 6Page - AVX Corporation SCM Datasheet HTML 7Page - AVX Corporation SCM Datasheet HTML 8Page - AVX Corporation SCM Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
082418
OPERATING TEMPERATURE RANGE
-40°C to +65°C @ 5.4V Balanced, 5.0V Unbalanced
-40°C to +85°C @ 4.6V Balanced, 4.2V Unbalanced
AVX Part Number
Diameter
(mm)
Length
(mm)
Rated
Capacitance
(F)
Capacitance
Tolerance
Rated
Voltage
(V)
Rated
Temperature
(°C)
DCL Max
@ 72 Hrs
(µA)
ESR Max
@ 1000
Hz (mΩ)
ESR Max
@ DC
(mΩ)
Peak
Current
(A)
Power
Density
(W/kg)
Max
Energy
(Wh)
Energy
Density
(Wh/kg)
Shrink Wrap / Radial Lead
SCMQ14C474PRBA0
6.3
14
0.47
+100%/-0%
5.0/4.2*
65/85*
2
400
1000
0.80
2143
0.0016
1.17
SCMQ14C474PRTA0
6.3
14
0.47
+100%/-0%
5.0/4.2*
65/85*
2
400
1000
0.80
2143
0.0016
1.17
SCMQ14D474PRBB0
6.3
14
0.47
+100%/-0%
5.4/4.6*
65/85*
6
400
1000
0.86
2499
0.0019
1.36
SCMQ14D474PRTB0
6.3
14
0.47
+100%/-0%
5.4/4.6*
65/85*
6
400
1000
0.86
2499
0.0019
1.36
SCMR14C474PRBA0
8
14
0.47
+100%/-0%
5.0/4.2*
65/85*
2
300
1000
0.80
1429
0.0016
0.78
SCMR14D474PRBB0
8
14
0.47
+100%/-0%
5.4/4.6*
65/85*
6
300
1000
0.86
1666
0.0019
0.91
SCMR18C105PRBA0
8
18
1
+100%/-0%
5.0/4.2*
65/85*
6
200
720
1.45
1667
0.0035
1.39
SCMR18D105PRBB0
8
18
1
+100%/-0%
5.4/4.6*
65/85*
10
200
720
1.57
1944
0.0041
1.62
SCMR22C155PRBA0
8
22
1.5
+100%/-0%
5.0/4.2*
65/85*
10
190
580
2.01
1669
0.0052
1.68
SCMR22D155PRBB0
8
22
1.5
+100%/-0%
5.4/4.6*
65/85*
15
190
580
2.17
1946
0.0061
1.96
SCMS22C255PRBA0
10
22
2.5
+100%/-0%
5.0/4.2*
65/85*
20
140
360
3.29
1852
0.0087
1.93
SCMS22D255PRBB0
10
22
2.5
+100%/-0%
5.4/4.6*
65/85*
25
140
360
3.55
2113
0.0101
2.20
SCMT22C505PRBA0
12.5
22
5
+100%/-0%
5.0/4.2*
65/85*
25
100
150
7.14
2740
0.0174
2.38
SCMT22D505PRBB0
12.5
22
5
+100%/-0%
5.4/4.6*
65/85*
30
100
150
7.71
3069
0.0203
2.66
SCMT32C755SRBA0
12.5
32
7.5
+30%/-10%
5.0/4.2*
65/85*
65
70
160
8.52
1953
0.0260
2.71
SCMT32D755SRBB0
12.5
32
7.5
+30%/-10%
5.4/4.6*
65/85*
70
70
160
9.20
2209
0.0304
3.07
*with appropriate voltage derating operating temperature can be extended to 85°C
Test
Test Method
Parameter
Limits
Life Cycle
Capacitors are cycled between rated voltage and half-rated voltage under constant
current at +25°C for 500,000 cycles
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
High Temperature
Load Life
Temperature: +65°C
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
Voltage: Rated Voltage
Test Duration: 2,000 hours
Storage Temperature
Characteristics
Storage Duration: 1 year
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
No Load
Temperature: +25°C
Vibration Resistance
Amplitude: 1.5mm
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
Frequency: 10 ~ 55Hz
Direction: X, Y, Z for 2 hours each
Humidity
Voltage: Rated Voltage
Capacitance Change
ESR
Appearance
≤30% of initial value
≤2 times initial value
No remarkable defects
RH: 90%
Temperature: +60°C
Test Duration: 1,500 hours
QUALIFICATION TEST SUMMARY
5.4V/5.0V SCM Series
Series-Connected SuperCapacitor Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com