Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM Datasheet(PDF) 11 Page - AVX Corporation

Part # SCM
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCM Datasheet(HTML) 11 Page - AVX Corporation

Back Button SCM Datasheet HTML 4Page - AVX Corporation SCM Datasheet HTML 5Page - AVX Corporation SCM Datasheet HTML 6Page - AVX Corporation SCM Datasheet HTML 7Page - AVX Corporation SCM Datasheet HTML 8Page - AVX Corporation SCM Datasheet HTML 9Page - AVX Corporation SCM Datasheet HTML 10Page - AVX Corporation SCM Datasheet HTML 11Page - AVX Corporation SCM Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
082418
SAFETY RECOMMENDATIONS
Warnings
• To avoid short circuit, after usage or test, SuperCapacitor
voltage needs to discharge to ≤ 0.1V
• Do not apply over-voltage, reverse charge, burn or heat higher
than 150°C, explosion-proof valve may break open
• Do not press, damage or disassemble the SuperCapacitor,
housing could heat to high temperature causing burns
• If you observe overheating or burning smell from the capacitor
disconnect power immediately, and do not touch
Emergency Applications
• If housing is leaking:
• Skin contact: use soap and water thoroughly to wash the
area of the skin
• Eye contact: flush with flowing water or saline, and
immediately seek medical treatment
• Ingestion: immediately wash with water and seek medical
treatment
Transportation
Not subjected to US DOT or IATA regulations
UN3499, <10Wh, Non-Hazardous Goods
International shipping description –
“Electronic Products – Capacitor”
Licensed by CAP-XX
Regulatory
• UL 810A
• RoHS Compliant
• Reach Compliant / Halogen Free
Storage
• Capacitors may be stored within the operating temperature
range of the capacitor
• Lower storage temperature is preferred as it extends the shelf
life of the capacitor
• Do not store the SuperCapacitors in the following environments
• High temperature / high humidity environments
>70°C / 40% RH
• Direct sunlight
• In direct contact with water, salt oil or other chemicals
• In direct contact with corrosive materials, acids, alkalis, or
toxic gases
• Dusty environment
• In environment with shock and vibration conditions
SOLDERING RECOMMENDATIONS
When soldering SuperCapacitors to a PCB, the temperature & time
that the body of the SuperCapacitor sees during soldering can have a
negative effect on performance. We advise following these guidelines:
• Do not immerse the SuperCapacitors in solder. Only the leads should
come in contact with the solder.
• Ensure that the body of the SuperCapacitor is not in contact with the
PCB or other components during soldering. Temperature cycling
during soldering may cause the case to shrink or crack, potentially
damaging the PCB or other components.
HAND SOLDERING
Keep some distance between the SuperCapacitor body and the tip
of the soldering iron; contact between SuperCapacitor body and
soldering iron will cause extensive damage to the SuperCapacitor. It is
recommended that the soldering iron temperature should be less than
350°C, and contact time should be limited to no more than 4 seconds.
Too much exposure to terminal heat during soldering can cause heat
to transfer to the body of the SuperCapacitor, potentially damaging the
SuperCapacitor.
WAVE SOLDERING
Only use wave soldering on Radial type SuperCapacitors. The PCB
should be preheated for no longer than 60 seconds, with temperature
at, or below, 100°C. Soldering tin should be 0.8mm or thicker.
REFLOW SOLDERING
Infrared or conveyor over reflow techniques can be used on these
SuperCapacitors. Do not use a traditional reflow oven without clear
rated reflow temperature for SuperCapacitors.
Solder Temperature
(ºC)
Suggested Solder
Time (s)
Maximum Solder
Time (s)
220
7
9
240
7
9
250
5
7
260
3
5
SCM Series
Series-Connected SuperCapacitor Modules
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com