Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM Datasheet(PDF) 9 Page - AVX Corporation

Part # SCM
Description  Series-Connected SuperCapacitor Modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SCM Datasheet(HTML) 9 Page - AVX Corporation

Back Button SCM Datasheet HTML 4Page - AVX Corporation SCM Datasheet HTML 5Page - AVX Corporation SCM Datasheet HTML 6Page - AVX Corporation SCM Datasheet HTML 7Page - AVX Corporation SCM Datasheet HTML 8Page - AVX Corporation SCM Datasheet HTML 9Page - AVX Corporation SCM Datasheet HTML 10Page - AVX Corporation SCM Datasheet HTML 11Page - AVX Corporation SCM Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
082418
(V)
V1
VR
V2
30 min
V3 ESR Drop
DC
Power
Supply
Multimeter
+
-
+
1k Ω
1
VR
0
Step 1
I1
Step 2
t1
Cycle 1
V1
Step 3
V2
t2
t3
Step 4
V3
Step 6
V4
Step 5
I2
t4
t5
V5 Step 1
t6
I1
Step 2
V6
t7
V7
Cycle 2
V8
Step 3
t8
Step 4
t9
V9
Step 6
V10
Step 5
I2
t10
V11
t11
t12
TEST METHODS
IEC Capacitance Test Method
• Capacitance is measured using a Keithley 2400 or 2602 Meter
• Procedure
• Charge Capacitor to Rated Voltage at room temperature
• Disconnect parts from voltage to remove charging effects
• Discharge cells with a constant current I determined by
4 * C * VR
• Noting V1, t1, V2, t2 and performing the calculation for C
Voltage
t1
t2
Times (s)
I – Discharge Current [mA], 4 * C * VR VR – Rated Voltage
V1 – Initial Test Voltage, 80% of VR
V2 – Final Test Voltage, 40% of VR
t1 – Initial Test time
t2 – Final Test time
C = I * (t2 – t1) / (V1 – V2)
DCL Measurement @ 25°C
• DCL is measured using a Multimeter with high internal impedance
across a resistor
• Charge Capacitor to Rated Voltage at room temperature for
72 Hours
• Disconnect parts from Voltage by opening switch 1 (Stabilize for
10 Min)
• Measure Voltage across a known Valued Resistor (1K Ohm)
• Calculate DCL = V/R
Initial ESR Measurement @ 25°C
• Using an Agilent 4263B LCR Meter and a Kelvin connection
• Measure at frequency of 1000 Hz
• Measurement Voltage of 10mV
DC ESR Measurement
• Six steps capacity and ESRDC Test Method is used as illus-
trated in the figure right.
• Tests are carried out by charging and discharging the capacitor
for two cycles at rated voltage and half rated voltage
• C = (CDC1+CDC2) / 2
• ESRDC = (ESRDC1 + ESRDC2) / 2 Where: CDC1 = I2*(t5-t4)/
(V3-V4) CDC2 = I2*(t11-t10)/V9-V10)
ESRDC1 = (V5-V4)/I2
ESRDC2 = (V11-V10)/I2 I1 = I2 = 75mA/F
Maximum Operating Current
• This is the maximum current when capacitor temperature rise
of the capacitor during its operation is less than 15°C
Maximum Peak Current
• This is the maximum current in less than 1 sec
Watt Density
• Watt Density = (0.12*V² / RDC) / mass
Energy Density
• Energy density = (½ CV²) / (3600*mass)
SCM Series
Series-Connected SuperCapacitor Modules
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com