Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 3 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 3 Page - AVX Corporation

  TPS Datasheet HTML 1Page - AVX Corporation TPS Datasheet HTML 2Page - AVX Corporation TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
062118
67
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
2.5 Volt @ 85°C
TPSB107*002#0200
B
100
2.5
85
1.7
125
2.5
8
200
0.652
0.587
0.261
1
TPSB157*002#0150
B
150
2.5
85
1.7
125
3
10
150
0.753
0.677
0.301
1
TPSB227*002#0150
B
220
2.5
85
1.7
125
4.4
16
150
0.753
0.677
0.301
1
TPSB227*002#0200
B
220
2.5
85
1.7
125
4.4
16
200
0.652
0.587
0.261
1
TPSB227*002#0600
B
220
2.5
85
1.7
125
4.4
16
600
0.376
0.339
0.151
1
TPSD227*002#0045
D
220
2.5
85
1.7
125
5.5
8
45
1.826
1.643
0.730
1
TPSY337*002#0040
Y
330
2.5
85
1.7
125
8.2
8
40
1.768
1.591
0.707
11)
TPSD477*002#0035
D
470
2.5
85
1.7
125
11.6
8
35
2.070
1.863
0.828
1
TPSF477*002#0200
F
470
2.5
85
1.7
125
11.8
12
200
0.707
0.636
0.283
1
TPSY477*002#0100
Y
470
2.5
85
1.7
125
11
12
100
1.118
1.006
0.447
11)
TPSD687*002#0035
D
680
2.5
85
1.7
125
17
16
35
2.070
1.863
0.828
1
TPSD687*002#0050
D
680
2.5
85
1.7
125
17
16
50
1.732
1.559
0.693
1
TPSE687*002#0035
E
680
2.5
85
1.7
125
17
10
35
2.171
1.954
0.868
11)
TPSE687*002#0050
E
680
2.5
85
1.7
125
17
10
50
1.817
1.635
0.727
11)
TPSY687*002#0100
Y
680
2.5
85
1.7
125
17
12
100
1.118
1.006
0.447
11)
TPSE108*002#0030
E
1000
2.5
85
1.7
125
25
14
30
2.345
2.111
0.938
11)
TPSE108*002#0040
E
1000
2.5
85
1.7
125
25
14
40
2.031
1.828
0.812
11)
TPSY108M002#0100
Y
1000
2.5
85
1.7
125
25
30
100
1.118
1.006
0.447
11)
TPSD158*002#0100
D
1500
2.5
85
1.7
125
37.5
60
100
1.125
1.102
0.490
1
TPSE158*002#0050
E
1500
2.5
85
1.7
125
37.5
20
50
1.817
1.635
0.727
11)
TPSV158M002#0030
V
1500
2.5
85
1.7
125
30
20
30
2.887
2.598
1.155
11)
TPSV158M002#0040
V
1500
2.5
85
1.7
125
30
20
40
2.500
2.250
1.000
11)
4 Volt @ 85°C
TPSR106*004#3000
R
10
4
85
2.7
125
0.5
6
3000
0.135
0.122
0.054
1
TPSA476*004#0500
A
47
4
85
2.7
125
1.9
8
500
0.387
0.349
0.155
1
TPSB107*004#0200
B
100
4
85
2.7
125
4
8
200
0.652
0.587
0.261
1
TPSB107*004#0250
B
100
4
85
2.7
125
4
8
250
0.583
0.525
0.233
1
TPSB107*004#0350
B
100
4
85
2.7
125
4
8
350
0.493
0.444
0.197
1
TPSB107*004#0500
B
100
4
85
2.7
125
4
8
500
0.412
0.371
0.165
1
TPSW107*004#0100
W
100
4
85
2.7
125
4
6
100
0.949
0.854
0.379
1
TPSB157*004#0250
B
150
4
85
2.7
125
6
10
250
0.583
0.525
0.233
1
TPSC157*004#0070
C
150
4
85
2.7
125
6
6
70
1.254
1.128
0.501
1
TPSC157*004#0080
C
150
4
85
2.7
125
6
6
80
1.173
1.055
0.469
1
TPSD227*004#0040
D
220
4
85
2.7
125
8.8
8
40
1.936
1.743
0.775
1
TPSD227*004#0050
D
220
4
85
2.7
125
8.8
8
50
1.732
1.559
0.693
1
TPSD227*004#0100
D
220
4
85
2.7
125
8.8
8
100
1.225
1.102
0.490
1
TPSY227*004#0040
Y
220
4
85
2.7
125
8.8
8
40
1.768
1.591
0.707
11)
TPSY227*004#0050
Y
220
4
85
2.7
125
8.8
8
50
1.581
1.423
0.632
11)
TPSY227*004#0075
Y
220
4
85
2.7
125
8.8
8
75
1.291
1.162
0.516
11)
TPSC337*004#0100
C
330
4
85
2.7
125
13.2
8
100
1.049
0.944
0.420
1
TPSD337*004#0035
D
330
4
85
2.7
125
13.2
8
35
2.070
1.863
0.828
1
TPSD337*004#0045
D
330
4
85
2.7
125
13.2
8
45
1.826
1.643
0.730
1
TPSD337*004#0100
D
330
4
85
2.7
125
13.2
8
100
1.225
1.102
0.490
1
TPSF337*004#0200
F
330
4
85
2.7
125
13.2
10
200
0.707
0.636
0.283
1
TPSX337*004#0100
X
330
4
85
2.7
125
13.2
8
100
1.000
0.900
0.400
11)
TPSD477*004#0045
D
470
4
85
2.7
125
18.8
12
45
1.826
1.643
0.730
1
TPSD477*004#0100
D
470
4
85
2.7
125
18.8
12
100
1.225
1.102
0.490
1
TPSE477*004#0035
E
470
4
85
2.7
125
18.8
10
35
2.171
1.954
0.868
11)
TPSE477*004#0045
E
470
4
85
2.7
125
18.8
10
45
1.915
1.723
0.766
11)
TPSE477*004#0100
E
470
4
85
2.7
125
18.8
10
100
1.285
1.156
0.514
11)
TPSD687*004#0045
D
680
4
85
2.7
125
27.2
14
45
1.826
1.643
0.730
1
TPSD687*004#0060
D
680
4
85
2.7
125
27.2
14
60
1.581
1.423
0.632
1
TPSD687*004#0100
D
680
4
85
2.7
125
27.2
14
100
1.225
1.102
0.490
1
TPSE687*004#0040
E
680
4
85
2.7
125
27.2
10
40
2.031
1.828
0.812
11)
TPSE687*004#0060
E
680
4
85
2.7
125
27.2
10
60
1.658
1.492
0.663
11)
TPSE687*004#0100
E
680
4
85
2.7
125
27.2
10
100
1.285
1.156
0.514
11)
TPSE108*004#0040
E
1000
4
85
2.7
125
40
14
40
2.031
1.828
0.812
11)
TPSE108*004#0060
E
1000
4
85
2.7
125
40
14
60
1.658
1.492
0.663
11)
TPSV108*004#0025
V
1000
4
85
2.7
125
40
16
25
3.162
2.846
1.265
11)
TPSV108*004#0035
V
1000
4
85
2.7
125
40
16
35
2.673
2.405
1.069
11)
TPSV108*004#0040
V
1000
4
85
2.7
125
40
16
40
2.500
2.250
1.000
11)
TPSV108*004#0050
V
1000
4
85
2.7
125
40
16
50
2.236
2.012
0.894
11)
TPSE158*004#0050
E
1500
4
85
2.7
125
60
30
50
1.817
1.635
0.727
11)
TPSE158*004#0075
E
1500
4
85
2.7
125
60
30
75
1.483
1.335
0.593
11)
TPSV158M004#0050
V
1500
4
85
2.7
125
60
30
50
2.236
2.012
0.894
11)
TPSV158M004#0075
V
1500
4
85
2.7
125
60
30
75
1.826
1.643
0.730
11)
6.3 Volt @ 85°C
TPSR225*006#7000
R
2.2
6.3
85
4
125
0.5
6
7000
0.089
0.080
0.035
1
TPSA335*006#2100
A
3.3
6.3
85
4
125
0.5
6
2100
0.189
0.170
0.076
1
TPSS475*006#4000
S
4.7
6.3
85
4
125
0.5
6
4000
0.127
0.115
0.051
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com