Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 7 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 7 Page - AVX Corporation

Back Button TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation TPS Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
062118
71
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSE477*010#0050
E
470
10
85
7
125
47
10
50
1.817
1.635
0.727
1
1)
TPSE477*010#0060
E
470
10
85
7
125
47
10
60
1.658
1.492
0.663
1
1)
TPSE477*010#0100
E
470
10
85
7
125
47
10
100
1.285
1.156
0.514
1
1)
TPSE477*010#0200
E
470
10
85
7
125
47
10
200
0.908
0.817
0.363
1
1)
TPSV477*010#0040
V
470
10
85
7
125
47
10
40
2.500
2.250
1.000
1
1)
TPSV477*010#0060
V
470
10
85
7
125
47
10
60
2.041
1.837
0.816
1
1)
TPSV477*010#0100
V
470
10
85
7
125
47
10
100
1.581
1.423
0.632
1
1)
TPSE687M010#0150V
E
680
10
85
7
125
68
18
150
1.049
0.944
0.420
3
TPSV687M010#0100V
V
680
10
85
7
125
68
18
100
1.581
1.423
0.632
3
16 Volt @ 85°C
TPSA105*016#6200
A
1
16
85
10
125
0.5
4
6200
0.110
0.099
0.044
1
TPSA225*016#1800
A
2.2
16
85
10
125
0.5
6
1800
0.204
0.184
0.082
1
TPSA225*016#3500
A
2.2
16
85
10
125
0.5
6
3500
0.146
0.132
0.059
1
TPST225*016#2000
T
2.2
16
85
10
125
0.5
6
2000
0.200
0.180
0.080
1
TPSA335*016#3500
A
3.3
16
85
10
125
0.5
6
3500
0.146
0.132
0.059
1
TPSB335*016#2500
B
3.3
16
85
10
125
0.5
6
2500
0.184
0.166
0.074
1
TPSA475*016#2000
A
4.7
16
85
10
125
0.8
6
2000
0.194
0.174
0.077
1
TPSB475*016#0800
B
4.7
16
85
10
125
0.8
6
800
0.326
0.293
0.130
1
TPSB475*016#1500
B
4.7
16
85
10
125
0.8
6
1500
0.238
0.214
0.095
1
TPSA685*016#1500
A
6.8
16
85
10
125
1.1
6
1500
0.224
0.201
0.089
1
TPSB685*016#0600
B
6.8
16
85
10
125
1.1
6
600
0.376
0.339
0.151
1
TPSB685*016#1200
B
6.8
16
85
10
125
1.1
6
1200
0.266
0.240
0.106
1
TPSA106*016#1000
A
10
16
85
10
125
1.6
6
1000
0.274
0.246
0.110
1
TPSB106*016#0500
B
10
16
85
10
125
1.6
6
500
0.412
0.371
0.165
1
TPSB106*016#0800
B
10
16
85
10
125
1.6
6
800
0.326
0.293
0.130
1
TPSC106*016#0500
C
10
16
85
10
125
1.6
6
500
0.469
0.422
0.188
1
TPST106*016#0800
T
10
16
85
10
125
1.6
8
800
0.316
0.285
0.126
1
TPST106*016#1000
T
10
16
85
10
125
1.6
8
1000
0.283
0.255
0.113
1
TPSW106*016#0500
W
10
16
85
10
125
1.6
6
500
0.424
0.382
0.170
1
TPSW106*016#0600
W
10
16
85
10
125
1.6
6
600
0.387
0.349
0.155
1
TPSB156*016#0500
B
15
16
85
10
125
2.4
6
500
0.412
0.371
0.165
1
TPSB156*016#0800
B
15
16
85
10
125
2.4
6
800
0.326
0.293
0.130
1
TPSC156*016#0300
C
15
16
85
10
125
2.4
6
300
0.606
0.545
0.242
1
TPSC156*016#0700
C
15
16
85
10
125
2.4
6
700
0.396
0.357
0.159
1
TPSB226*016#0400
B
22
16
85
10
125
3.5
6
400
0.461
0.415
0.184
1
TPSB226*016#0600
B
22
16
85
10
125
3.5
6
600
0.376
0.339
0.151
1
TPSC226*016#0150
C
22
16
85
10
125
3.5
6
150
0.856
0.771
0.343
1
TPSC226*016#0250
C
22
16
85
10
125
3.5
6
250
0.663
0.597
0.265
1
TPSC226*016#0300
C
22
16
85
10
125
3.5
6
300
0.606
0.545
0.242
1
TPSC226*016#0375
C
22
16
85
10
125
3.5
6
375
0.542
0.487
0.217
1
TPSD226*016#0700
D
22
16
85
10
125
3.5
6
700
0.463
0.417
0.185
1
TPSW226*016#0500
W
22
16
85
10
125
3.5
6
500
0.424
0.382
0.170
1
TPSB336*016#0350
B
33
16
85
10
125
5.3
8
350
0.493
0.444
0.197
1
TPSB336*016#0500
B
33
16
85
10
125
5.3
8
500
0.412
0.371
0.165
1
TPSC336*016#0100
C
33
16
85
10
125
5.3
6
100
1.049
0.944
0.420
1
TPSC336*016#0150
C
33
16
85
10
125
5.3
6
150
0.856
0.771
0.343
1
TPSC336*016#0225
C
33
16
85
10
125
5.3
6
225
0.699
0.629
0.280
1
TPSC336*016#0300
C
33
16
85
10
125
5.3
6
300
0.606
0.545
0.242
1
TPSD336*016#0200
D
33
16
85
10
125
5.3
6
200
0.866
0.779
0.346
1
TPSW336*016#0140
W
33
16
85
10
125
5.3
6
140
0.802
0.722
0.321
1
TPSW336*016#0175
W
33
16
85
10
125
5.3
6
175
0.717
0.645
0.287
1
TPSW336*016#0250
W
33
16
85
10
125
5.3
6
250
0.600
0.540
0.240
1
TPSW336*016#0400
W
33
16
85
10
125
5.3
6
400
0.474
0.427
0.190
1
TPSW336*016#0500
W
33
16
85
10
125
5.3
6
500
0.424
0.382
0.170
1
TPSY336*016#0300
Y
33
16
85
10
125
5.3
6
300
0.645
0.581
0.258
1
1)
TPSY336*016#0400
Y
33
16
85
10
125
5.3
6
400
0.559
0.503
0.224
1
1)
TPSC476*016#0110
C
47
16
85
10
125
7.5
6
110
1.000
0.900
0.400
1
TPSC476*016#0350
C
47
16
85
10
125
7.5
6
350
0.561
0.505
0.224
1
TPSD476*016#0080
D
47
16
85
10
125
7.5
6
80
1.369
1.232
0.548
1
TPSD476*016#0100
D
47
16
85
10
125
7.5
6
100
1.225
1.102
0.490
1
TPSD476*016#0150
D
47
16
85
10
125
7.5
6
150
1.000
0.900
0.400
1
TPSD476*016#0200
D
47
16
85
10
125
7.5
6
200
0.866
0.779
0.346
1
TPSW476*016#0200
W
47
16
85
10
125
7.5
6
200
0.671
0.604
0.268
1
TPSX476*016#0180
X
47
16
85
10
125
7.5
6
180
0.745
0.671
0.298
1
1)
TPSY476*016#0250
Y
47
16
85
10
125
7.5
6
250
0.707
0.636
0.283
1
1)
TPSC686*016#0125
C
68
16
85
10
125
10.9
6
125
0.938
0.844
0.375
1
TPSC686*016#0200
C
68
16
85
10
125
10.9
6
200
0.742
0.667
0.297
1
TPSD686*016#0070
D
68
16
85
10
125
10.9
6
70
1.464
1.317
0.586
1
TPSD686*016#0100
D
68
16
85
10
125
10.9
6
100
1.225
1.102
0.490
1
TPSD686*016#0150
D
68
16
85
10
125
10.9
6
150
1.000
0.900
0.400
1
TPSF686*016#0200
F
68
16
85
10
125
10.9
10
200
0.707
0.636
0.283
1
TPSX686*016#0150
X
68
16
85
10
125
10.9
8
150
0.816
0.735
0.327
1
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com