Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 6 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 6 Page - AVX Corporation

Back Button TPS Datasheet HTML 2Page - AVX Corporation TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
70
062118
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSC476*010#0200
C
47
10
85
7
125
4.7
6
200
0.742
0.667
0.297
1
TPSC476*010#0350
C
47
10
85
7
125
4.7
6
350
0.561
0.505
0.224
1
TPSD476*010#0100
D
47
10
85
7
125
4.7
6
100
1.225
1.102
0.490
1
TPSD476*010#0300
D
47
10
85
7
125
4.7
6
300
0.707
0.636
0.283
1
TPSW476*010#0125
W
47
10
85
7
125
4.7
6
125
0.849
0.764
0.339
1
TPSW476*010#0150
W
47
10
85
7
125
4.7
6
150
0.775
0.697
0.310
1
TPSW476*010#0250
W
47
10
85
7
125
4.7
6
250
0.600
0.540
0.240
1
TPSB686*010#0600
B
68
10
85
7
125
6.8
8
600
0.376
0.339
0.151
1
TPSC686*010#0080
C
68
10
85
7
125
6.8
6
80
1.173
1.055
0.469
1
TPSC686*010#0100
C
68
10
85
7
125
6.8
6
100
1.049
0.944
0.420
1
TPSC686*010#0200
C
68
10
85
7
125
6.8
6
200
0.742
0.667
0.297
1
TPSC686*010#0300
C
68
10
85
7
125
6.8
6
300
0.606
0.545
0.242
1
TPSD686*010#0100
D
68
10
85
7
125
6.8
6
100
1.225
1.102
0.490
1
TPSD686*010#0150
D
68
10
85
7
125
6.8
6
150
1.000
0.900
0.400
1
TPSY686*010#0100
Y
68
10
85
7
125
6.8
6
100
1.118
1.006
0.447
1
1)
TPSY686*010#0200
Y
68
10
85
7
125
6.8
6
200
0.791
0.712
0.316
1
1)
TPSW686*010#0100
W
68
10
85
7
125
6.8
6
100
0.949
0.854
0.379
1
TPSW686*010#0150
W
68
10
85
7
125
6.8
6
150
0.775
0.697
0.310
1
TPSB107*010#0400
B
100
10
85
7
125
10
8
400
0.461
0.415
0.184
1
TPSC107*010#0075
C
100
10
85
7
125
10
8
75
1.211
1.090
0.484
1
TPSC107*010#0100
C
100
10
85
7
125
10
8
100
1.049
0.944
0.420
1
TPSC107*010#0150
C
100
10
85
7
125
10
8
150
0.856
0.771
0.343
1
TPSC107*010#0200
C
100
10
85
7
125
10
8
200
0.742
0.667
0.297
1
TPSD107*010#0050
D
100
10
85
7
125
10
6
50
1.732
1.559
0.693
1
TPSD107*010#0065
D
100
10
85
7
125
10
6
65
1.519
1.367
0.608
1
TPSD107*010#0080
D
100
10
85
7
125
10
6
80
1.369
1.232
0.548
1
TPSD107*010#0100
D
100
10
85
7
125
10
6
100
1.225
1.102
0.490
1
TPSD107*010#0125
D
100
10
85
7
125
10
6
125
1.095
0.986
0.438
1
TPSD107*010#0150
D
100
10
85
7
125
10
6
150
1.000
0.900
0.400
1
TPSE107*010#0125
E
100
10
85
7
125
10
6
125
1.149
1.034
0.460
1
1)
TPSW107*010#0150
W
100
10
85
7
125
10
6
150
0.775
0.697
0.310
1
TPSX107*010#0085
X
100
10
85
7
125
10
8
85
1.085
0.976
0.434
1
1)
TPSX107*010#0150
X
100
10
85
7
125
10
8
150
0.816
0.735
0.327
1
1)
TPSX107*010#0200
X
100
10
85
7
125
10
8
200
0.707
0.636
0.283
1
1)
TPSY107*010#0100
Y
100
10
85
7
125
10
6
100
1.118
1.006
0.447
1
1)
TPSY107*010#0150
Y
100
10
85
7
125
10
6
150
0.913
0.822
0.365
1
1)
TPSY107*010#0200
Y
100
10
85
7
125
10
6
200
0.791
0.712
0.316
1
1)
TPSC157*010#0150
C
150
10
85
7
125
15
8
150
0.856
0.771
0.343
1
TPSD157*010#0050
D
150
10
85
7
125
15
8
50
1.732
1.559
0.693
1
TPSD157*010#0085
D
150
10
85
7
125
15
8
85
1.328
1.196
0.531
1
TPSD157*010#0100
D
150
10
85
7
125
15
8
100
1.225
1.102
0.490
1
TPSE157*010#0100
E
150
10
85
7
125
15
8
100
1.285
1.156
0.514
1
1)
TPSF157*010#0200
F
150
10
85
7
125
15
10
200
0.707
0.636
0.283
1
TPSX157M010#0100
X
150
10
85
7
125
15
6
100
1.000
0.900
0.400
1
1)
TPSY157*010#0100
Y
150
10
85
7
125
15
6
100
1.118
1.006
0.447
1
1)
TPSY157*010#0150
Y
150
10
85
7
125
15
6
150
0.913
0.822
0.365
1
1)
TPSY157*010#0200
Y
150
10
85
7
125
15
6
200
0.791
0.712
0.316
1
1)
TPSD227*010#0040
D
220
10
85
7
125
22
8
40
1.936
1.743
0.775
1
TPSD227*010#0050
D
220
10
85
7
125
22
8
50
1.732
1.559
0.693
1
TPSD227*010#0100
D
220
10
85
7
125
22
8
100
1.225
1.102
0.490
1
TPSD227*010#0150
D
220
10
85
7
125
22
8
150
1.000
0.900
0.400
1
TPSE227*010#0050
E
220
10
85
7
125
22
8
50
1.817
1.635
0.727
1
1)
TPSE227*010#0060
E
220
10
85
7
125
22
8
60
1.658
1.492
0.663
1
1)
TPSE227*010#0070
E
220
10
85
7
125
22
8
70
1.535
1.382
0.614
1
1)
TPSE227*010#0100
E
220
10
85
7
125
22
8
100
1.285
1.156
0.514
1
1)
TPSE227*010#0125
E
220
10
85
7
125
22
8
125
1.149
1.034
0.460
1
1)
TPSE227*010#0150
E
220
10
85
7
125
22
8
150
1.049
0.944
0.420
1
1)
TPSY227*010#0100
Y
220
10
85
7
125
22
10
100
1.118
1.006
0.447
1
1)
TPSY227*010#0150
Y
220
10
85
7
125
22
10
150
0.913
0.822
0.365
1
1)
TPSY227*010#0200
Y
220
10
85
7
125
22
10
200
0.791
0.712
0.316
1
1)
TPSD337*010#0050
D
330
10
85
7
125
33
8
50
1.732
1.559
0.693
1
TPSD337*010#0065
D
330
10
85
7
125
33
8
65
1.519
1.367
0.608
1
TPSD337*010#0100
D
330
10
85
7
125
33
8
100
1.225
1.102
0.490
1
TPSD337*010#0150
D
330
10
85
7
125
33
8
150
1.000
0.900
0.400
1
TPSE337*010#0040
E
330
10
85
7
125
33
8
40
2.031
1.828
0.812
1
1)
TPSE337*010#0050
E
330
10
85
7
125
33
8
50
1.817
1.635
0.727
1
1)
TPSE337*010#0060
E
330
10
85
7
125
33
8
60
1.658
1.492
0.663
1
1)
TPSE337*010#0100
E
330
10
85
7
125
33
8
100
1.285
1.156
0.514
1
1)
TPSV337*010#0040
V
330
10
85
7
125
33
10
40
2.500
2.250
1.000
1
1)
TPSV337*010#0060
V
330
10
85
7
125
33
10
60
2.041
1.837
0.816
1
1)
TPSV337*010#0100
V
330
10
85
7
125
33
10
100
1.581
1.423
0.632
1
1)
TPSE477*010#0045
E
470
10
85
7
125
47
10
45
1.915
1.723
0.766
1
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com