Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2220PVC-2 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2220PVC-2
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2220PVC-2 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2220PVC-2 Datasheet HTML 1Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 2Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 3Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 4Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 5Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 6Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 7Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 8Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY2220
Document #: 38-07206 Rev. *A
Page 4 of 11
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage....................................................–0.5 to +7.0V
Input Voltage...............................................–0.5V to VDD + 0.5
Storage Temperature (Non-Condensing).......–65
°C to +150°C
Junction Temperature..................................................
+150
°C
Package Power Dissipation................................................1W
Static Discharge Voltage
(per JEDEC EIA/JESD22-A114-A)................................2000V
Operating Conditions Over which Electrical Parameters are Guaranteed
Parameter
Description
Min.
Max.
Unit
VDDREF, VDDPCI, AVDD,
VDD3V66, VDDUSB, VDDCPU,
VDDMEM
3.3V Supply Voltages
3.135
3.465
V
TA
Operating Temperature, Ambient
0
70
°C
Cin
Input Pin Capacitance Nominal Value
18 pF
18 pF
pF
CXTAL
XTAL Pin Capacitance
22.5
pF
CL
Max. Capacitive Load on
MemRef, USBCLK, REF
PCICLK, 3V66
20
30
pF
f(REF)
Reference Frequency, Oscillator Nominal Value
14.318
14.318
MHz
tPU
Power-up time for all VDD's to reach minimum
specified voltage (power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Pads. Threshold voltage for crystal pads = VDD/2
2.0
V
VIL
Low-level Input Voltage
Except Crystal Pads
0.8
V
VOH
High-level Output Voltage MemRef, USB, REF, 3V66
IOH = –1 mA
2.4
V
PCI
IOH = –1 mA
2.4
V
VOL
Low-level Output Voltage
MemRef, USB, REF, 3V66
IOL = 1 mA
0.4
V
PCI
IOL = 1 mA
0.55
V
IIH
Input High Current
0 < VIN < VDD
–55
µA
IIL
Input Low Current
0 < VIN < VDD
–55
µA
IOH
High-level Output Current CPU
For IOH =6*IRef Configuration
Type X1, VOH = 0.65V –12.9 –14.9 mA
USB, REF
Type 3, VOH = 2.4V
–15
–51
3V66, PCI, MemRef, MemRefB
Type 5, VOH = 2.4V
–30
–100
IOL
Low-level Output Current
USB, REF
Type 3, VOL = 0.4V
10
24
mA
3V66, PCI, MemRef, MemRefB
Type 5, VOL =0.4 V
20
49
IOZ
Output Leakage Current
Three-state
10
µA
IDD3
3.3V Power Supply Current AVDD/VDD33 = 3.465V, FCPU = 133 MHz
250
mA
IDDPD3
3.3V Shutdown Current
AVDD/VDDQ3 = 3.465V
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com