Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2220PVC-2 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2220PVC-2
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2220PVC-2 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2220PVC-2 Datasheet HTML 1Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 2Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 3Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 4Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 5Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 6Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 7Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 8Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
133-MHz Spread Spectrum Clock Synthesizer/Driver
with Differential CPU Outputs
CY2220
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07206 Rev. *A
Revised December 30, 2002
0
Features
Benefits
• Compliant to Intel® CK00 Clock Synthesizer/Driver
Specifications
Supports next generation Pentium® processors using differen-
tial clock drivers
• Multiple output clocks at different frequencies
— Four pairs of differential CPU outputs, up to 133 MHz
— Ten synchronous PCI clocks
— Two Memory Reference clocks, 180 degrees out of
phase
— Four AGP and Hub Link clocks at 66 MHz
— Two 48-MHz clocks
— Two reference clocks at 14.318 MHz
Motherboard clock generator
— Support Multiple CPUs and a chipset
— Support for PCI slots and chipset
— Drives up to two Direct Rambus™ Clock Generators
(DRCG)
— Supports USB host controller and SuperI/O chip
— Supports ISA slots and I/O chip
• Spread Spectrum clocking
— 31 kHz modulation frequency
— Default is –0.6%, which is recommended by Intel
Enables reduction of EMI and overall system cost
• Power-down features
Enables ACPI compliant designs
• Three Select inputs
Supports up to eight CPU clock frequencies
• Low-skew and low-jitter outputs
Meets tight system timing requirements at high frequency
• OE and Test Mode support
Enables ATE and “bed of nails” testing
• 56-pin SSOP package
Widely available, standard package enables lower cost
Intel and Pentium are registered trademarks of Intel Corporation.
Direct Rambus is a trademark of Rambus, Inc.
Logic Block Diagram
EPROM
XTALOUT
XTALIN
14.318
MHz
OSC.
MemRef, MemRefB
SELA
CPU
PLL
REFCLK [0–1]
CPUCLK [0–3]
PCICLK [0–9] (33.33 MHz)
SYS
PLL
USBCLK [0-1] (48 MHz)
MultSel1
MultSel0
SELB
SEL133
CPUCLKB [0–3]
Divider
and
Stop Logic
SPREAD
3V66 [0–3] (66.67 MHz)
SSOP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
VSSREF
34
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
REFCLK0/MultSel_0
REFCLK1/MultSel_1
VDDREF
25
26
27
28
49
52
51
50
53
56
55
54
VDDPCI
PCICLK_6
Sel133
3V66_1
3V66_2
VSSCPU
CPUCLK_2B
VSSMEM
VSSPCI
PCICLK_5
PCICLK_8
USBCLK1/SelB
AVSS
VDDCPU
CPUCLK_3B
VDDMEM
XTALIN
XTALOUT
PCICLK_0
PCICLK_1
PCICLK_2
PCICLK_3
VSSPCI
PCICLK_4
VDDPCI
PCICLK_7
VSSPCI
PCICLK_9
VDDPCI
VSSUSB
USBCLK0/SelA
VSS3V66
VSS3V66
3V66_3
VDD3V66
AVDD
IREF
CPUCLK_0B
CPUCLK_0
CPUCLK_1B
CPUCLK_1
VSSCPU
CPUCLK_2
VDDCPU
CPUCLK_3
SPREAD
MemRefB
MemRef
VDDUSB
PWR_DWN
3V66_0
VDD3V66
PWR_DWN
Pin Configuration


Similar Part No. - CY2220PVC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22050 CYPRESS-CY22050 Datasheet
315Kb / 11P
One-PLL General-Purpose Flash-Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
282Kb / 10P
One-PLL General Purpose Flash Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
315Kb / 11P
One-PLL General-Purpose Flash-Programmable Clock Generator
More results

Similar Description - CY2220PVC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com