Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2220PVC-2 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2220PVC-2
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2220PVC-2 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2220PVC-2 Datasheet HTML 3Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 4Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 5Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 6Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 7Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 8Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 9Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 10Page - Cypress Semiconductor CY2220PVC-2 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY2220
Document #: 38-07206 Rev. *A
Page 8 of 11
Notes:
9.
Each supply pin must have an individual decoupling capacitor.
10. All capacitors must be placed as close to the pins as is physically possible.
Test Circuit[9, 10]
1, 7, 13, 19, 24, 32, 33, 37, 40, 46, 53
4, 10, 16, 22, 27, 29, 36, 38, 43, 49, 56
VDDPCI, VDD3V66,
OUTPUTS
CY2220
VDDUSB, VDDREF,
AVDD, VDDCPU,
Test
Nodes
Rs
Rs
Rp
Rp
VDDMRef
CPU
Ref, USB Outputs
PCI, 3V66, MRef Outputs
30 pF
20 pF
Test Node
Test Node
Rs
Rp
33.2
Ω
49.9
Ω
Ordering Information
Ordering Code
Package
Name
Package Type
Operating
Range
CY2220PVC-1
O56
56-Pin SSOP
Commercial
CY2220PVC-2
O56
56-Pin SSOP
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com