Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8-SW-NMON Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-NMON
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 23Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 24Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 25Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 26Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 27Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 28Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 29Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 30Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 83 page
background image
11.0 In-System Programming
(Continued)
The following table lists the MICROWIRE/PLUS ISP com-
mands and provides information on required parameters and
return values.
TABLE 10. MICROWIRE/PLUS ISP Commands
Command
Function
Command
Value (Hex)
Parameters
Return Data
PGMTIM_SET
Write Pulse Timing
Register
0x3B
Value
N/A
PAGE_ERASE
Page Erase
0xB3
Starting Address of
Page
N/A
MASS_ERASE
Mass Erase
0xBF
Confirmation Code
N/A (The entire Flash
Memory will be erased)
READ_BYTE
Read Byte
0x1D
Address High, Address
Low
Data Byte if Security not
set. 0xFF if Security set.
Option Register if address
= 0xFFFF, regardless of
Security
BLOCKR
Block Read
0xA3
Address High, Address
Low, Byte Count (n)
High, Byte Count (n)
Low
0
≤ n ≤ 32767
n Data Bytes if Security
not set.
n Bytes of 0xFF if
Security set.
WRITE_BYTE
Write Byte
0x71
Address High, Address
Low, Data Byte
N/A
BLOCKW
Block Write
0x8F
Address High, Address
Low, Byte Count (0
≤ n
≤ 16), n Data Bytes
N/A
EXIT
EXIT
0xD3
N/A
N/A (Device will Reset)
INVALID
N/A
Any other invalid
command will be
ignored
N/A
Note: The user must ensure that Block Writes do not cross a 64 byte boundary within one operation.
11.8 USER ISP AND VIRTUAL E
2
The following commands will support transferring blocks of
data from RAM to flash program memory, and vice-versa.
The user is expected to enforce application security in this
case.
•
Erase the entire flash program memory (mass erase).
NOTE: Execution of this command will force the device
into the MICROWIRE/PLUS ISP mode.
•
Erase a page of flash memory at a specified address.
•
Read a byte from a specified address.
•
Write a byte to a specified address.
•
Copy a block of data from RAM into flash program
memory.
•
Copy a block of data from program flash memory to RAM.
The following table lists the User ISP/Virtual E
2 commands,
required parameters and return data, if applicable. The com-
mand entry point is used as an argument to the JSRB
instruction. Table 12 lists the Ram locations and Peripheral
Registers, used for User ISP and Virtual E
2, and their ex-
pected contents. Please refer to the COP8 FLASH ISP User
Manual for additional information and programming ex-
amples on the use of User ISP and Virtual E
2.
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com