Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8-SW-NMON Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-NMON
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 31Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 32Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 33Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 34Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 35Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 36Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 37Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 38Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
12.0 Timers (Continued)
12.4 TIMER T2 OPERATION IN IDLE MODE
Timer T2 has a special mode that allows it to be operated in
IDLE mode. To use this mode, T2 must be configured as a
high speed timer, by setting T2HS = 1, and, also, configured
to run in the IDLE mode by setting the T2IDLE bit to 1 in the
HSTCR register. Table 16 shows the modes of operation
allowed for T2 during the IDLE mode. All the T2 modes are
allowed except the following:
•
Using the instruction cycle clock (t
c)
•
PWM: TxA Toggle
T2 should not be left in this special mode when entering
HALT. The T2IDLE bit must be reset to 0 before entering the
HALT mode to ensure that T2 remains in the same state
when exiting HALT as it was prior to entering HALT.
TABLE 16. Timer T2 Mode Control Bits in IDLE Mode
Mode
TxC3
TxC2
TxC1
Description
Interrupt A
Source
Interrupt B
Source
Timer
Counts On
1
1
0
1
Not Allowed
1
0
0
PWM: No TxA
Toggle
Autoreload RA
Autoreload RB
MCLK
2
0
0
0
External Event
Counter
Timer Underflow
Pos. TxB Edge
TxA Pos.
Edge
0
0
1
External Event
Counter
Timer Underflow
Pos. TxB Edge
TxA Neg.
Edge
3
0
1
0
Captures:
Pos. TxA Edge
Pos. TxB Edge
MCLK
TxA Pos. Edge
or Timer
TxB Pos. Edge
Underflow
1
1
0
Captures:
Pos. TxA
Pos.TxB
MCLK
TxA Pos. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
0
1
1
Captures:
Neg. TxA
Pos. TxB
MCLK
TxA Neg. Edge
Edge or Timer
Edge
TxB Pos. Edge
Underflow
1
1
1
Captures:
Neg. TxA
Neg. TxB
MCLK
TxA Neg. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
12.4.1 Timer T2 Clocking Scheme
Table 17 shows the relationship between the T2 clock, the
Processor clock, and the T0 clock. Note that the T2 clock is
always equal to the processor clock frequency when en-
abled.
TABLE 17. Timer T2 Clocking Scheme
Device Clock Mode
Idle Mode
T0 Clock
Procesor
Clock
T2 Clock if
T2IDLE = 1
T2 Clock if
T2IDLE = 0
High Speed
0
HS Clock
HS Clock
HS Clock
HS Clock
1
HS Clock
Off
HS Clock
Off
Dual Clock
0
LS Clock
HS Clock
HS Clock
HS Clock
1
LS Clock
Off
HS Clock
Off
Low Speed
0
LS Clock
LS Clock
LS Clock
LS Clock
1
LS Clock
Off
LS Clock
Off
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com