Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8-SW-NMON Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-NMON
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 7Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 8Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 9Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 10Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 11Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 12Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 13Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 14Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
8.0 Electrical Characteristics (Continued)
DC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Output Current Levels
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−10
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−7
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 1.0V
10
mA
Allowable Sink Current per Pin
15
mA
TRI-STATE Leakage
V
CC = 5.5V
−0.5
+0.5
µA
Maximum Input Current without Latchup (Note 5)
±200
mA
RAM Retention Voltage, V
R (in HALT Mode)
2.0
V
Input Capacitance
7pF
Voltage on G6 to force execution from Boot ROM
(Note 8)
G6 rise time must be
slower than 100 ns
2xV
CC
V
CC +7
V
G6 Rise Time to force execution from Boot ROM
100
nS
Input Current on G6 when Input > V
CC
V
IN = 11V, VCC = 5.5V
500
µA
Flash Endurance
100k
cycles
Flash Data Retention
25˚C
100
years
AC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator
4.5V
≤ V
CC
≤ 5.5V
0.5
DC
µs
Frequency of MICROWIRE/PLUS in
Slave Mode
2
MHz
MICROWIRE/PLUS Setup Time (t
UWS)20
ns
MICROWIRE/PLUS Hold Time (t
UWH)20
ns
MICROWIRE/PLUS Output Propagation
Delay (t
UPD)
150
ns
Input Pulse Width
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
Timer 1 Input High Time
1
t
C
Timer 1 Input Low Time
1
t
C
Timer 2, 3 Input High Time (Note 6)
1
MCLK or t
C
Timer 2, 3 Input Low Time (Note 6)
1
MCLK or t
C
Output Pulse Width
Timer 2, 3 Output High Time
150
ns
Timer 2, 3 Output Low Time
150
ns
USART Bit Time when using External
CKX
6 CKI
periods
USART CKX Frequency when being
Driven by Internal Baud Rate Generator
2
MHz
Reset Pulse Width
0.5
µs
Flash Memory Mass Erase Time
8
ms
Flash Memory Page Erase Time
See Table 13, Typical
Flash Memory
Endurance
1ms
tC = instruction cycle time.
Note 2: Maximum rate of voltage change must be < 0.5 V/ms.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com