Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLO Datasheet(PDF) 3 Page - Schurter Inc.

Part # DLO
Description  Linear Choke, open version, without socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLO Datasheet(HTML) 3 Page - Schurter Inc.

  DLO Datasheet HTML 1Page - Schurter Inc. DLO Datasheet HTML 2Page - Schurter Inc. DLO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Suppression Chokes
DLO
https://www.schurter.com /PG81_82
EMC Products
In [A]
Ln [mH]
Rcu
[m
Ω]
fRES
[MHz]
Inductance
drop max [%]
A [mm]
B [mm]
C [mm] D [mm] Weight [g]
Packing unit [pcs.]
Order Number
Rcu bei Tu 20°C
Inductance drop with In
Derating at Tu >70°C: I = Inx ((125-Tu)/55)0.5
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com