Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLO Datasheet(PDF) 1 Page - Schurter Inc.

Part # DLO
Description  Linear Choke, open version, without socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLO Datasheet(HTML) 1 Page - Schurter Inc.

  DLO Datasheet HTML 1Page - Schurter Inc. DLO Datasheet HTML 2Page - Schurter Inc. DLO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Suppression Chokes
DLO
https://www.schurter.com /PG81_82
EMC Products
Linear Choke, open version, without socket
See below:
Approvals and Compliances
Description
- Linear choke
- Wire leads
- Open version without socket and chassis
Applications
- Smoothing RFI suppression choke
- RFI suppression choke
- Chopper amplifiers
- DC drives and stepper motor controls
- Switching power supplies
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
␣
to 600 VDC
Rated Current
0.45 - 7 A @ Ta 70 °C
Rated inductance
0.02 - 5 mH, Tol. ±15%
Power Operating Frequency
up to 20 kHz
Terminal Type
Wire leads
Weight
10 - 12 g
Isolation Voltage
2 kV eff., winding to ambient
Climatic Category
40/125/21 acc. to IEC 60068-1
Allowable Operation Temp.
-40 °C to 125 °C
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 134485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technology equipment.
Designed for applications acc.
IEC 60601-1
Medical electrical equipment - Part 1: General requirements for basic
safety and essential performance
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - DLO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLO SCHURTER-DLO Datasheet
471Kb / 2P
Linear Choke, open version, without socket
DLO SCHURTER-DLO Datasheet
288Kb / 3P
Linear Choke, open version, without socket
DLO SCHURTER-DLO Datasheet
298Kb / 3P
Linear Choke, open version, without socket
04.01.2022
logo
Data Delay Devices, Inc...
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
GATED-DELAY LINE OSCILLATOR
DLO-34F-10 DATADELAY-DLO-34F-10 Datasheet
120Kb / 1P
GATED-DELAY LINE OSCILLATOR
More results

Similar Description - DLO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
Linear/Saturating Choke
DLO SCHURTER-DLO Datasheet
471Kb / 2P
Linear Choke, open version, without socket
DSO SCHURTER-DSO Datasheet
447Kb / 2P
Storage Choke, open version, without socket
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
Linear/Saturating Choke
DLNP SCHURTER-DLNP_17 Datasheet
208Kb / 2P
Linear Choke, compact
DLO SCHURTER-DLO_17 Datasheet
288Kb / 3P
Linear Choke, open version, without socket
DSO SCHURTER-DSO_17 Datasheet
285Kb / 3P
Storage Choke, open version, without socket
DLNP SCHURTER-DLNP_V01 Datasheet
246Kb / 3P
Linear Choke, compact
DSO SCHURTER-DSO_V01 Datasheet
297Kb / 3P
Storage Choke, open version, without socket
DLO SCHURTER-DLO_V01 Datasheet
298Kb / 3P
Linear Choke, open version, without socket
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com